Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT652 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT652
Description  Octal Transceivers and Registers with TRI-STATE Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT652 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ABT652 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 10Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 11Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Capacitance
Symbol
Parameter
Max
Units
Conditions
(T
A = 25˚C)
C
IN
Input Capacitance
14.0
pF
V
CC = 0V (non I/O pins)
C
I/O (Note 8)
I/O Capacitance
19.5
pF
V
CC = 5.0V (An,Bn)
Note 8: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883D, Method 3012.
www.national.com
8


Similar Part No. - 54ABT652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646D NSC-54ABT646D Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646F NSC-54ABT646F Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
More results

Similar Description - 54ABT652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
   16-Bit Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com