Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-PA500TU3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD-PA500TU3
Description  high performance portable hard drive featuring the revolutionary Thunderbolt technology.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD-PA500TU3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD-PA500TU3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD-PA500TU3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.BualoAmericas.com
HD-PATU3
MiniStationThunderbolt
P E R F O R M A N C E M AT T E R S
FEATURES
ALL CABLES INCLUDED
on-the-go lifestyle. It works with Mac and
PCso you can access your files from
whichever computer you are on, even
while away from home.
TIME MACHINE BACKUP
MiniStation Thunderbolt is
pre-formatted for use with Mac and
compatible with Time Machine for
complete data backup. Schedule
backups and automatically protect your
important files with plug and play
connectivity.
UNPARALLELED SPEED
USB COMPATIBILITY
Coupled with the lightning-fast Thunder-
bolt technology is a USB 3.0 port for
universal connectivity. Simply plug it into
any available USB port on your computer
and instantly add capacity or store files to
take on the road. Plug and play usability
means there are no drivers to install and
MiniStation Thunderbolt is pre-formatted
for Mac computers but can easily be
reformatted for use with
PCs.
COMPACT AND CONVENIENT
Housed in a sleek aluminum body,
MiniStation Thunderbolt is a stylish
storage companion for your laptop while
on the go and at home. Designed for
mobility, it o ers bus-powered portable
storage for your data and for your
MiniStation Thunderbolt
features the revolutionary
Thunderbolt technology,
raising the bar on how you
transfer, store and transport data.
Delivering speeds up to an amazing 10
Gbps, it is the fastest interface available,
2X FASTER than USB 3.0, ideal for
creative professionals and multimedia
enthusiasts.
Additionally, you can daisy-chain up to
six Thunderbolt devices to maximize
use of a single port††.
MiniStationThunderbolt is a high performance portable hard drive featuring
the revolutionary Thunderbolt technology. Delivering the fastest interface
speeds available, it is perfect for those who manage large files such as
creative professionals and multimedia enthusiasts. With speeds up to 10 Gbps,
Thunderbolt is
2X FASTER than USB 3.0, giving you the fastest portable
storage interface ever.
Housed in a sleek aluminum body, MiniStation Thunderbolt is a stylish storage
companion for your laptop while on the go and at home. It includes a USB 3.0
port for convenience and universal connectivity. Instantly add capacity to
your Mac® or PCcomputer and use with Time Machine® to back up and
protect your important data. Its bus-powered interface requires no addi-
tional cables so transporting your data is hassle-free. MiniStation Thunder-
bolt is a complete portable Thunderbolt storage solution, simply plug it in to
any available Thunderbolt or USB port on your Mac or PCcomputer and
securely store files to take on the road.
UNPARALLELED SPEED
THUNDERBOLT / USB 3.0 PORTABLE HARD DRIVE
* Speeds shown represent maximum interface connection speeds. Actual device transfer speeds will vary based on hard drive specifications and host devices.
Windows OS systems only supported via USB connection
††
MiniStation Thunderbolt does not have a Thunderbolt pass-through port so it must be the last device on a daisy-chain.
MiniStation
Thunderbolt is a
complete portable
Thunderbolt storage solution, supplied
with all necessary cables and
components. Simply plug it in to any
available Thunderbolt or USB port on
your Mac or
PCcomputer and
instantly add capacity or securely store
files to take on the road.
$50
VALUE
THUNDERBOLT
10 Gbps!
USB 3.0
5 Gbps
USB 2.0
480 Mbps
FireWire
800 Mbps


Similar Part No. - HD-PA500TU3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PCF500U3B ETC2-HD-PCF500U3B Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCF500U3W ETC2-HD-PCF500U3W Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCFU3 ETC2-HD-PCFU3 Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
   Portable USB 3.0 Storage for PC and Mac
HD-PNT1.0U3 ETC2-HD-PNT1.0U3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
More results

Similar Description - HD-PA500TU3

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
   DashDrive HV610 Portable Hard Drive
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
   DashDrive Dura HD710 Portable Hard Drive
HE720 A-DATA-HE720 Datasheet
553Kb / 2P
   DashDrive Elite HE720 Portable Hard Drive
logo
List of Unclassifed Man...
HD-PZU3V2 ETC2-HD-PZU3V2 Datasheet
394Kb / 2P
   Ruggedized, Secure Portable USB 3.0 Hard Drive
logo
SMSC Corporation
LAN9131 SMSC-LAN9131 Datasheet
323Kb / 2P
   High-Performance Network Multimedia Processing Engine, Featuring RipStream Technology
logo
Infineon Technologies A...
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
   Power Management IC for Hard Drive Based Portable Media Players
logo
List of Unclassifed Man...
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
[Old version datasheet]   Power Management IC for Hard-Drive-Based Portable Media Players
logo
OSRAM GmbH
641115W12VBA OSRAM-641115W12VBA Datasheet
121Kb / 4P
   Hard-glass technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com