Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-PCFU3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD-PCFU3
Description  MiniStation portable USB 3.0 slim HDDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD-PCFU3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD-PCFU3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD-PCFU3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.buffalo-asia.com
About BUFFALO
BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-media solutions for the
home and small business environments as well as for system builders and integrators. With three decades of networking and computer
peripheral experience, BUFFALO has proven its commitment to delivering innovative, best-of-breed solutions that have put the company at
the forefront of infrastructure technology.
©2013 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. MiniStation is a trademark of BUFFALO INC. Microsoft Windows and Windows logo
are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Mac and Mac OS are trademarks of Apple Inc., registered in the U.S. and other countries. The
names and logos of other companies mentioned herein belong to their respective owners.
Specifications
Black
White
115 x 76 x 11.5 (500GB Model) / 115 x 76 x 14 (1TB Model) / 115 x 76 x 19.5 (2TB Model)
165 g (500GB Model) / 185 g (1TB Model) / 240 g (2TB Model)
5-35°C, 20-80% (non-condensing)
3-year
Number of Drives
1
Color Variation & Drive Capacity
Others
Internal Hard Drives
Dimensions (LxWxH, mm)
Weight
Operating Environment
Warranty
MiniStation portable USB 3.0 slim HDDs
HD-PCFU3
DC 5V (USB powered)
Power Supply
Standard Compliance
USB 3.0 / USB 2.0
Number of Ports
1
USB Interface
Key Feature
Data Transfer Rates
Max. 5 Gbps
MiniStation (HD-PCFU3)
USB 3.0 cable
Warranty Statement
Package Contents
Connection
Attached
Software
USB 3.0
USB 2.0
DriveNavigator
TurboPC EX2
Secure Lock Mobile
Disk Formatter2
Backup Utility
Buffalo Tools Launcher
ecoManager for HD
Adobe Reader
-
-
-
-
-
-
-
-
Windows
8 (32/64-bit),
7 (32/64-bit),
Vista (32/64-bit), XP
Mac
OS X
10.6,
10.7,10.8
OS Support
TurboPC EX2
Preformatted
Slim Body it fits your portable life, and it is low price.
Unisex Design
HD-PCF500U3B
500GB
HD-PCF500U3W
500GB
HD-PCF1.0U3BB
HD-PCF1.0U3BW
1TB
1TB
2TB
HD-PCF2.0U3GB


Similar Part No. - HD-PCFU3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
   Portable USB 3.0 Storage for PC and Mac
More results

Similar Description - HD-PCFU3

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
   Portable-slim design
logo
List of Unclassifed Man...
HD-PZU3V2 ETC2-HD-PZU3V2 Datasheet
394Kb / 2P
   Ruggedized, Secure Portable USB 3.0 Hard Drive
logo
Tripp Lite. All Rights ...
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
   4-Port Portable USB 3.0 SuperSpeed Hub
logo
List of Unclassifed Man...
HDW-PU3 ETC2-HDW-PU3 Datasheet
455Kb / 2P
   Wi-Fi Portable HDD with USB 3.0
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
   Portable USB 3.0 Storage for PC and Mac
logo
Tripp Lite. All Rights ...
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
   4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
logo
List of Unclassifed Man...
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
logo
Coolgear Inc.
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
   SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
   SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
   USB 3.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com