Electronic Components Datasheet Search |
|
HD-PNT500U3G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
HD-PNT500U3G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page About BUFFALO www.buffalo-asia.com BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-media solutions for the home and small business environments as well as for system builders and integrators. With three decades of networking and computer peripheral experience, BUFFALO has proven its commitment to delivering innovative, best-of-breed solutions that have put the company at the forefront of infrastructure technology. Model HD-PNTU3 Series Crystal Black HD-PNT500U3B (500GB), HD-PNT1.0U3B (1TB), Aquamarine Blue L HD-PNT500U3 L (500GB), HD-PNT1.0U3 (1TB) Ruby Red HD-PNT500U3R (500GB), HD-PNT1.0U3R (1TB) Rose Quartz HD-PNT500U3P (500GB),HD-PNT1.0U3P(1TB) Crystal Silver HD-PNT500U3S (500GB), HD-PNT1.0U3S (1TB) Champagne Topaz HD-PNT500U3G (500GB), HD-PNT1.0U3G (1TB) ©2011 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. MiniStation and MiniStation logo are either trademarks or registered trademarks of BUFFALO INC. or its aliates in the United State and other countries. Apple, Mac, Mac OS and Time Machine are registered trademarks of Apple Inc. Windows is a registered trademark of Microso Corporation in the United States and/or other countries. e names and logos of other companies mentioned herein belong to their respective owners. Actual transfer rate will vary depending upon * Mac® doesn’t support USB 3.0 (5.0Gbps) connection. building materials and construction, and network overhead. USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection USB Interface Standard Compliance USB 3.0 / USB 2.0 Number of Ports 1 Data Transfer Rate Max. 5 Gbps Others 500GB 1TB Package Contents MiniStationTM HD-PNTU3 USB 3.0 cable Quick Setup Guide Warranty Statement † Hardware Encryption feature, Secure Lock Manager Easy are not compatible with Macintosh. OS Support Dimensions (WxHxD) 82 x 118 x 16 mm Weight 175 g Operating Environmen 5-35°C, 20-80% RH (Non-condensing) Client OS Support Windows® 7 (32/64-bit), Vista® (32/64-bit), XP, Mac OS® 10.7 †, 10.6, 10.5, 10.4 Power Supply DC 5V (USB powered) Warranty 3-Year Windows Mac OS X 7 (32/ 64bit) Vista (32/ 64bit) XP*1 10.7 10.6 10.5 Connection Attached Software USB3.0 USB2.0 DriveNavigator Secure Lock Manager Easy DiskFormatter TurboPC TurboCopy Backup Utility RAMDISK Utility Buffalo Tools Launcher ecoManager Picasa Google Chrome Adobe Reader - - - - - - - - - - - - - XP 82 x 118 x 22 mm(2TB Model) 260 g(2TB Model) HD-PNT2.0U3GB (2TB) 2TB |
Similar Part No. - HD-PNT500U3G |
|
Similar Description - HD-PNT500U3G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |