Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUH7280xxALN60y Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUH7280xxALN60y
Description  Compared to 6TB air drives
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUH7280xxALN60y Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUH7280xxALN60y Datasheet HTML 1Page - List of Unclassifed Manufacturers HUH7280xxALN60y Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
DATA SHEET
SATA Models
SAS Models
SATA Models
SAS Models
© 2014-2015 HGST, Inc. 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United States 9/14, revised 12/14, 10/15. All rights reserved.
Ultrastar and HelioSeal are registered trademarks, TCOptimized and 7Stac are trademarks of HGST, Inc. and its affiliates in the United States and/or other
countries. Other trademarks are property of their respective companies. HGST trademarks are intended and authorized for use only in countries and
jurisdictions in which HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional information. HGST shall not be
liable to third parties for unauthorized use of this document or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST intends to make these available in all countries
in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty. Information is true as of the date of publication and is subject
to change. Actual specifications for unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on product specifications. Photographs may show
design models.
Ultrastar® He8
Feature / Function
Benefits
Capacity
• 8TB and 6TB
• 8TB provides 33% more capacity than 6TB drives
Power
Efficiency
• Industry’s lowest Watts per terabyte
(W/TB)
• 44% lower idle W/TB than 6TB air drives
Performance
• Media cache architecture
• Rebuild Assist mode
• SATA 6Gb/s & SAS 12Gb/s
• 128MB cache buffer
• Rotational Vibration Safeguard (RVS)
• Delivers up to 3X better random write performance
compared to He6
• Dramatically improves RAID recovery time and maintains
system performance during recovery
• Provides compatibility with high-performance data
centers
• Improves response time and data management
• Maintains drive performance in high rotational vibra-
tion environments and multi-drive systems
Reliability
• 2.5M hours MTBF2 and 0.35% AFR2
• 5-year limited warranty
• Industry’s highest reliability rating for Capacity
Enterprise HDD
• Industry’sbestforenterprise-classharddrivessofterrorrate
forimprovedreliability&performance
Data Security
• Instant Secure Erase
• Optional Bulk Data Encryption (SATA)
and TCG Enterprise_A (SAS)
• Enables swift and efficient drive redeployment and
retirement
• Hardware-based encryption protects data from
unauthorized use
Specifications
Model No.
HUH7280xxALN60y
HUH7280xxALE60y
HUH7280xxAL420y
HUH7280xxAL520y
Configuration
Interface
SATA 6Gb/s
SAS 12Gb/s
Capacity1 (TB)
8TB / 6TB
Format: Sector size3 (bytes)
4Kn: 4096
512e: 512
4Kn: 4096, 4112, 4160, 4224
512e: 512, 520, 528
Max. Areal density
(Gbits/sq. in.)
664 (8TB)
Performance
Data buffer4 (MB)
128
Rotational speed (RPM)
7200
Latency average (ms)
4.16
Interface transfer rate
(MB/s, max)
600
1200
Sustained transfer rate5
(MiB/s, typical)
(MB/s, typical)
195 (8TB)
205 (8TB)
Seek time6
(read/write, ms, typical)
8.5/9.0
Reliability
Error rate
(non-recoverable, bits read)
1 in 1015
Load/Unload cycles
(at 40ºC)
600,000
Availability
(hrs/day x days/wk)
24x7
MTBF2 (M hours)
2.5
Annualized Failure Rate2 (AFR)
0.35%
Warranty (yrs)
5
Acoustics
Idle (Bels, typical)
2.0/3.6
Power
Requirement
+5 VDC, +12VDC
Operating7
7.4
9.1
Idle8 (W)
5.1
5.7
Power consumption efficiency at Idle (W/TB)
(Watts/TB)
(Watts/GB)
0.64 (8TB)
0.00064 (8TB)
0.71 (8TB)
0.00071 (8TB)
Physical size
z-height (mm)
26.1
Dimensions
(width x depth, mm)
101.6 (+/-0.25) x 147
Weight (g, max)
650
Environmental (Operating)
Ambient temperature
5º to 60º C
Shock
(half-sine wave 2 ms, G)
70
Vibration
(G RMS 5 to 500 Hz)
0.67 (XYZ)
Environmental (Non-Operating)
Ambient temperature
-40º to 70º C
Shock
(half-sine wave, G)
300 (1ms) / 150 (11ms)
Random vibration
(G RMS 2 to 200 Hz)
1.04 (XYZ)
1
One MB is equal to one million bytes, one GB is equal to one billion bytes and one TB equals
1,000GB (one trillion bytes) when referring to hard drive capacity. Accessible capacity
will vary from the stated capacity due to formatting and partitioning of the hard drive, the
computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical
measurements and acceleration algorithms under median operating conditions. MTBF and AFR
ratings do not predict an individual drive’s reliability and do not constitute a warranty.
3
Advanced Format drive: 4K (4096-byte) physical sectors
4
Portion of buffer capacity used for drive firmware
5
MiB/s is 220 bytes, MB/s is 106 bytes
6
Excludes command overhead
7
SATA models: 8K Queue Depth = 1, SAS models: 4K Queue Depth = 4
8
Idle specification is based on use of Idle_A
How to read the Ultrastar model number
Example: HUH7280xxAL420y = 7200 RPM, xTB, 4Kn SAS 12Gb/s
42 = Interface, 4Kn SAS 12Gb/s
(52 = 512e SAS 12Gb/s,
E6 = 512e SATA 6Gb/s,
N6 = 4Kn SATA 6Gb/s)
0 = Reserved
y
= Data Security Mode
0 = Instant Secure Erase
1 = Bulk Data Encryption (SATA),
TCG SED encryption (SAS)
4 = Secure Erase (overwrite only)
5 = TCG encryption with FIPS (SAS)
NOTE: See “How to read the Ultrastar model number” at the top of the page for possible values for
xx and y.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DS021-EN-US-0815-03
H = HGST
U = Ultrastar
H = Helium (vs. S for Standard)
72 = 7200 RPM
80 = Full capacity — 8TB (8000GB)
xx = Capacity this model
(80 = 8TB, 60 = 6TB)
A = Generation code
L = 26.1mm z-height
Features & Benefits


Similar Part No. - HUH7280xxALN60y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HUH7282 PANASONIC-HUH7282 Datasheet
112Kb / 2P
   Hologram Unit PD
HUH7283 PANASONIC-HUH7283 Datasheet
112Kb / 2P
   Hologram Unit PD
HUH7285 PANASONIC-HUH7285 Datasheet
112Kb / 2P
   Hologram Unit PD
HUH7286 PANASONIC-HUH7286 Datasheet
112Kb / 2P
   Hologram Unit PD
More results

Similar Description - HUH7280xxALN60y

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1615A-8W CIRRUS-CRD1615A-8W Datasheet
2Mb / 21P
   Reduced BOM Cost Compared to CS1615
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com