Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-X1.0TL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS-X1.0TL
Description  BitTorrent download Box - access files from anywhere from your smartphone
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-X1.0TL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS-X1.0TL Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-X1.0TL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
About BUFFALO
www.buffalo-asia.com
BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-media
solutions for the home and small business environments as well as for system builders and integrators. With three decades of
networking and computer peripheral experience, BUFFALO has proven its commitment to delivering innovative, best-of-breed
solutions that have put the company at the forefront of infrastructure technology.
Specifications
Internal Hard Drives
Drive interface
SATA II
Number of Drives
1
Protocol Support
Networking
TCP/IP
File Sharing
SMB / CIFS, FTP, AFP, HTTP /
HTTPS
Management
HTTP / HTTPS
Time Synchronization
NTP
Others
Model
LS-XL Series
LS-X3.0TL (3TB), LS-X2.0TL (2TB), LS-X1.0TL (1TB)
©2010 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. LinkStation and LinkStation logo are either trademarks or registered
trademarks of BUFFALO INC. Apple, Mac, iPhone, iPad, Time Machine, iTunes, Bonjour logo and Mac OS are registered trademarks of Apple, Inc. DLNA and DLNA CERTIFIED are trademarks and/
or registered trademarks of Digital Living Network Alliance. Some contents may not be compatible with other DLNA CERTIFIED™ products. Microsoft Windows and Windows logo are either registered
trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Android is a trademark of Google, Inc. NovaBACKUP and NovaStor logo are either trademarks or registered
trademarks of NovaStor Corporation in the United States and/or other countries. The names and logos of other companies mentioned herein belong to their respective owners.
*1 GB = 1,000,000,000 bytes / 1 TB = 1,000,000,000,000 bytes; total accessible capacity varies depending on operating environment. Data rate, features and performance may vary
based on the configuration of your system and other factors. Buffalo Technology (Buffalo Inc.) shall not be responsible for data loss and shall have no liability arising out of damages
from lost data.
LAN Interface
Standard Compliance
IEEE802.3ab / IEEE802.3 /
IEEE802.3u Standard
(1000 BASE-T / 100 BASE-TX /
10 BASE-T)
Number of Ports
1
Connector Type
RJ-45
Package Contents
LinkStation LiveTM LS-XL
Ethernet Cable (2m)
AC Adapter
Utility CD
Quick Setup Guide
Stand
Rubber Feet (x4)
Warranty Statement
Dimensions (WxHxD)
45 × 175 × 150 mm
Weight
1.1 kg
Operating Environment
5-35°C 20-80% RH
(Non-Condensing)
Power Consumption
Average 17W / Max. 24W
Power Supply
AC100-240V 50/60Hz
Warranty
3-Year
BitTorrent download Box - access files from anywhere from your smartphone
3TB
2TB
1TB
LAN port
Mac OS X
Windows
-
-
-
7
32bit/
64bit
Vista
32bit/
64bit
XP
*1
Server
2008
*2
Server
2003
*2
10.7†
10.6
10.5
10.4
*1. Include MCE2005 / MCE2004
*2. Include R2
† If you use the Delegate Authority server feature, you can not access the shared folders with access
restriction from Mac OSXv10.7 Lion via SMB. Time Machine backup is supported by the firmware
from Ver.1.54.
Client OS Support
LinkStation Live™ LS-XL
LinkNavigator
NAS Navigator 2
NovaBACKUP


Similar Part No. - LS-X1.0TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-0006 ETC-LS-0006 Datasheet
61Kb / 2P
   Plastic Gear Analog Servo
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02NB FOTEK-LS-02NB Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02P FOTEK-LS-02P Datasheet
1Mb / 6P
   Inductive proximity sensor
LS-02PB FOTEK-LS-02PB Datasheet
1Mb / 6P
   Inductive proximity sensor
More results

Similar Description - LS-X1.0TL

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1010A KEYSIGHT-N1010A Datasheet
210Kb / 2P
   Expect More From Your Test Equipment
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
   Control home appliances from your phone
logo
List of Unclassifed Man...
EK2500 ETC2-EK2500 Datasheet
554Kb / 2P
   Wireless Technology to Control and Monitor Anything from Anywhere
logo
Hammond Manufacturing L...
1455A1202 HAMMOND-1455A1202 Datasheet
207Kb / 1P
   Box made from Extruded Aluminum 6063
logo
Analog Devices
MS-2443 AD-MS-2443 Datasheet
354Kb / 10P
   Safeguard Your RS-485 Communication Networks from Harmful EMC Events
logo
Ralston Instruments.
QTHA-FLTS-HC-40 RALSTON-QTHA-FLTS-HC-40 Datasheet
498Kb / 1P
   Filter out particulate from the process to keep your hose and calibrator
logo
List of Unclassifed Man...
X8DT3 ETC1-X8DT3 Datasheet
7Mb / 99P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DTH-6 ETC1-X8DTH-6 Datasheet
2Mb / 96P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X9DRW-7TPF ETC1-X9DRW-7TPF Datasheet
10Mb / 119P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DTL-3 ETC1-X8DTL-3 Datasheet
7Mb / 97P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com