Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61FGPNH Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # 61FGPNH
Description  Floatless Level Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61FGPNH Datasheet(HTML) 1 Page - Omron Electronics LLC

  61FGPNH Datasheet HTML 1Page - Omron Electronics LLC 61FGPNH Datasheet HTML 2Page - Omron Electronics LLC 61FGPNH Datasheet HTML 3Page - Omron Electronics LLC 61FGPNH Datasheet HTML 4Page - Omron Electronics LLC 61FGPNH Datasheet HTML 5Page - Omron Electronics LLC 61FGPNH Datasheet HTML 6Page - Omron Electronics LLC 61FGPNH Datasheet HTML 7Page - Omron Electronics LLC 61FGPNH Datasheet HTML 8Page - Omron Electronics LLC 61FGPNH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSM_61F-GP-N__DS_E_6_1
1
Floatless Level Switch (Compact, Plug-in Type)
61F-GP-N
@
Space-saving Design Ideal for Control Panel
Downsizing. Easy Maintenance.
• Compact: 49.4
× 38 × 84 mm (H×W×D).
• Easy identification of operating status with LED operation
indicator.
• Independent DPDT contacts on 11-Pin Models.
• CE marking and UL/CSA compliance.
Refer to Safety Precautions for Floatless Level
Controllers.
■ Model Number Legend
■ Ordering Information
Note: When ordering, specify the desired operating voltage at the end of the model number.
1. No. of Pins
2. Type
N:
11 pins
N8: 8 pins
Blank: General-purpose
L 2KM: Long-distance (for 2 km)
L 4KM: Long-distance (for 4 km)
H:
High-sensitivity
D:
Low-sensitivity
R:
Two-wire
T:
High-temperature
Position of LED indicator
2
1
61F-GP-
@@
Type
General-purpose
Long-distance (for 2 km)
Long-distance (for 4 km)
Model
Model
Model
11-pin
61F-GP-N
61F-GP-NL 2KM
61F-GP-NL 4KM
Type
High-sensitivity
Low-sensitivity
Two-wire
Model
Model
Model
11-pin
61F-GP-NH
61F-GP-ND
61F-GP-NR
Type
Tropical environments
High-temperature
Model
Model
8-pin
61F-GP-N-TDL
61F-GP-NT
Type
General-purpose
Long-distance (for 2 km)
Long-distance (for 4 km)
Model
Model
Model
8-pin
61F-GP-N8
61F-GP-N8L 2KM
61F-GP-N8L 4KM
Type
High-sensitivity
Low-sensitivity
Two-wire
Model
Model
Model
8-pin
61F-GP-N8H
61F-GP-N8D
61F-GP-N8R
61F-GP-N8HY
Example: 61F-GP-N [220 VAC]
Desired supply voltage


Similar Part No. - 61FGPNH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F MSYSTEM-61F Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61FGPNH

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
8PFA1 OMRON-8PFA1 Datasheet
471Kb / 11P
   Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com