Electronic Components Datasheet Search |
|
61FGPN8H Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
61FGPN8H Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 15 page 61F-GP-N @ 2 ■ Compact Plug-in Models (11-pin Type) Specifications Note: 1. The length when using completely insulated, 600-V, 3-conductor (0.75 mm2) cabtire cables. Usable cable lengths will become shorter as the cable diameter or number of conductors becomes larger. For details, refer to Safety Precautions for Floatless Level Controllers. 2. The insulation resistance and dielectric strength indicate values between power terminals and Electrode terminals, between power terminals and contact terminals, and between Electrode terminals and contact terminals. For details, refer to Safety Precautions for Floatless Level Controllers. 3. Possible to use with 15 k Ω or less, however, this may cause reset failure. 4. 61F-GP-NH High-sensitivity Controller uses advanced operation. When the power supply voltage is applied, if there are some liquids between the electrodes (ground and operation electrodes), the inter- nal relay will not operate. When the power supply voltage is applied, if there are no liquids between the electrodes (ground and operation electrodes), the internal relay will operate. If the advanced operation does not satisfy applications, consider using 61F-N8HY controller which uses sequential operation. Item General-purpose Controller 61F-GP-N High- temperature Controller 61F-GP-NT Long-distance Controllers 61F-GP-NL 2KM (for 2 km) 61F-GP-NL 4KM (for 4 km) High-sensitivity Controller 61F-GP-NH (see note 4) Low-sensitivity Controller 61F-GP-ND Two-wire Controller 61F-GP-NR Controlling materials and operating condi- tions For control of ordi- nary purified water or sewage water For control of ordi- nary purified water or sewage where operating ambient temperature is high. For control of ordi- nary purified water in cases where the distance between sewage pumps and water tanks or between receiver tanks and supply tanks is long or where remote con- trol is required. For control of liq- uids with high spe- cific resistance such as distilled water For control of liq- uids with low spe- cific resistance such as salt water, sewage water, acid chemicals, al- kali chemicals For control of ordi- nary purified water or sewage water used in combina- tion with Two-wire Electrode Holder (incorporating a resistor of 6.8 k Ω) Supply voltage 24, 100, 110, 120, 200, 220, 230 or 240 VAC; 50/60 Hz Operating voltage range 85% to 110% of rated voltage Interelectrode voltage 8 VAC Interelectrode current Approx. 1 mA AC max. Approx. 0.12 mA AC max. Approx. 1 mA AC max. Power consumption Approx. 3.5 VA max. Interelectrode operate resistance 0 to approx. 4 k Ω 0 to approx. 4 kΩ 0 to approx. 1.3 kΩ (for 2 km) 0 to approx. 0.5 k Ω (for 4 km) Approx. 10 k Ω to approx. 40 k Ω (see note 3) 0 to approx. 1.3 k Ω 0 to approx. 2 k Ω Interelectrode release resistance Approx. 15 k to ∞Ω Approx. 15 k to ∞Ω 4 k to ∞Ω (for 2 km) 2.5 k to ∞Ω (for 4 km) Approx. 100 k to ∞Ω Approx. 4 k to ∞Ω Approx. 15 k to ∞Ω Response time Operate:80 ms max. Release:160 ms max. Cable length (see note 1) 1 km max. 600 m max. 2 km max. 4 km max. 50 m max. 1 km max. 800 m max. Control output 1 A, 250 VAC (Inductive load: cos φ = 0.4) 3 A, 250 VAC (Resistive load) Ambient temperature Operating:–10 to 55 °C (–10 to 70°C for high-temperature controller) Ambient humidity Operating:45% to 85% RH Insulation resistance (see note 2) 100 M Ω min. (at 500 VDC) Dielectric strength (see note 2) 2000 VAC, 50/60 Hz for 1 min. Life expectancy Electrical: 100,000 operations min. Mechanical: 5,000,000 operations min. Weight Approx. 155 g Accessories Hold-down clip PFC-N8 |
Similar Part No. - 61FGPN8H |
|
Similar Description - 61FGPN8H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |