Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61FGPN8D Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # 61FGPN8D
Description  Floatless Level Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61FGPN8D Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button 61FGPN8D Datasheet HTML 3Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 4Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 5Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 6Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 7Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 8Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 9Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 10Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
61F-GP-N
@
7
Automatic Water Supply Control
Automatic Drainage Control
Two-Wire Connections
Automatic Water Supply and Drainage Control
Compact, Plug-in Type
61F-GP-NR
Dimensions:
page 14
E1
E2
E3
U
U
Water supply
source
Stop
Start
MCCB
RS
M
T
Commercial Voltage
61F-GP-NR
(See note.)
5
4
P
8 V
Power
supply
0 V
24 V
PS-3SR
10
3
9
12
11
Control
circuit
R
Contac-
tor
Water
tank
Motor
protection
relay
Note: Be sure to ground the common Electrode E3 (the
longest Electrode).
Connection Sockets
PF113 (Front-connecting)
PL11 (Rear-connecting)
• Connect terminal 1 to the contactor’s coil terminal.
Note: The power supply depends on the specifications of the
model.
• With 2-wire connections, only two wires are required between
the 61F-GP-NR and Electrode Holder, but three wires are
required for the Electrodes.
• The Electrode Holder must be specified for 2-wire connections.
(Resistance R is built into Electrode Holders for 2-Wire
Connections.)
Connections
E1
E2
U
U
Reservoir
MCCB
RS
M
T
61F-GP-NR
(See note.)
5
4
P
R
8 V
0 V
24 V
PS-3SR
10
3
9
1
2
11
Control
circuit
E3
Contac-
tor
T
Commercial Voltage
Power
supply
Motor
protection
relay
Waste-
water
tank
Note: Be sure to ground the common Electrode E3 (the
longest Electrode).
Connection Sockets
PF113 (Front-connecting)
PL11 (Rear-connecting)
• Connect terminal 11 to the contactor’s coil terminal.
Note: The power supply depends on the specifications of the
model.
• With 2-wire connections, only two wires are required between
the 61F-GP-NR and Electrode Holder, but three wires are
required for the Electrodes.
• The Electrode Holder must be specified for 2-wire connections.
(Resistance R is built into Electrode Holders for 2-Wire
Connections.)
Connections
E1
E2
E3
P
Water
supply
(Indicator ON)
Pump OFF
Pump ON
(Indicator OFF)
The pump stops when the water level reaches E1 (indicator ON)
and starts when the water level drops below E2 (indicator OFF).
Principles of Operation
E1
E2
E3
Water drainage
(Indicator ON)
Pump OFF
Pump ON
(Indicator OFF)
P
The pump starts when the water level reaches E1 (indicator ON)
and stops when the water level drops below E2 (indicator OFF).
Principles of Operation


Similar Part No. - 61FGPN8D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F MSYSTEM-61F Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61FGPN8D

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
8PFA1 OMRON-8PFA1 Datasheet
471Kb / 11P
   Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com