Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321IDBVRE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS321IDBVRE4
Description  Low-Power Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321IDBVRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS321IDBVRE4 Datasheet HTML 4Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 5Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 6Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 7Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 8Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 9Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 10Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 11Page - Texas Instruments TS321IDBVRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
100 pF
100 nF
1 nF
1 µF
10 µF
10 nF
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.4 Input Common Mode Range
The valid common mode range is from device ground pin to VCC – 1.5 V (VCC – 2 V across temperature).
Inputs may exceed VCC up to the maximum VCC without device damage. At least one input must be in the valid
input common mode range for output to be correct phase. If both inputs exceed valid range then output phase is
undefined. If either input is less than -0.3 V then input current should be limited to 1 mA and output phase is
undefined.
8.3.5 Stability With High Capacitive Loads
Operational amplifiers have reduced phase margin when there is a direct capacitance on the output. The stability
is affected most when the amplifier is set to unity gain. Small signal response to a step input of 100 mV reveals
the loop stability with a range of capacitors. See application note SLVA381 to correlate response waveform to
phase margin. The responses at 1 nF or less indicate acceptable phase margin. The responses at 1 uF and
above indicate good phase margin.
Figure 7. Small Signal Response
8.4 Device Functional Modes
The TS321 is powered on when the supply is connected. This device can be operated as a single supply
operational amplifier or dual supply amplifier depending on the application.
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS321


Similar Part No. - TS321IDBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS321IDBVRE4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com