Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV333ID Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV333ID
Description  CMOS Operational Amplifiers Zero-Drift
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV333ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV333ID Datasheet HTML 4Page - Texas Instruments TLV333ID Datasheet HTML 5Page - Texas Instruments TLV333ID Datasheet HTML 6Page - Texas Instruments TLV333ID Datasheet HTML 7Page - Texas Instruments TLV333ID Datasheet HTML 8Page - Texas Instruments TLV333ID Datasheet HTML 9Page - Texas Instruments TLV333ID Datasheet HTML 10Page - Texas Instruments TLV333ID Datasheet HTML 11Page - Texas Instruments TLV333ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLV333, TLV2333, TLV4333
SBOS751 – DECEMBER 2015
www.ti.com
7.7 Electrical Characteristics: VS = 1.8 V to 5.5 V
at TA = 25°C, RL = 10 kΩ connected to mid-supply, and VCM = VOUT = mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage(1)
VS = 5 V
2
15
µV
dVOS/dT
VOS vs temperature
TA = –40°C to +125°C
0.02
µV/°C
PSRR
VOS vs power supply
VS = 1.8 V to 5.5 V
1
8
µV/V
Long-term stability(2)
1(2)
µV
Channel separation, dc
0.1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±70
pA
Input bias current over temperature
TA = –40°C to +125°C
±150
pA
IOS
Input offset current
±140
pA
NOISE
en
Input voltage noise density
f = 1 kHz
55
nV/
√Hz
f = 0.01 Hz to 1 Hz
0.3
Input voltage noise
µVPP
f = 0.1 Hz to 10 Hz
1.1
in
Input current noise
f = 10 Hz
100
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
(V–) – 0.1 V < VCM < (V+) + 0.1 V
102
115
dB
INPUT CAPACITANCE
Differential
2
pF
Common-mode
4
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.1 V< VO < (V+) – 0.1 V
102
130
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF
350
kHz
SR
Slew rate
G = 1
0.16
V/µs
OUTPUT
Voltage output swing from rail
TA = –40°C to +125°C
30
70
mV
ISC
Short-circuit current
±5
mA
CL
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output impedance
f = 350 kHz, IO = 0 mA
2
k
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier
IO = 0 mA, TA = –40°C to +125°C
17
28
µA
Turn-on time
VS = 5 V
100
µs
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–40
150
°C
Storage range
–65
150
°C
(1)
Specified by design and characterization. Amplifiers are 100% production screened at 25°C to reduce defective units.
(2)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1 µV.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TLV333 TLV2333 TLV4333


Similar Part No. - TLV333ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
[Old version datasheet]   TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
[Old version datasheet]   TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011 TI-TLV3011 Datasheet
1Mb / 39P
[Old version datasheet]   TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV333ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com