Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741CPE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA741CPE4
Description  General-Purpose Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA741CPE4 Datasheet(HTML) 4 Page - Texas Instruments

  UA741CPE4 Datasheet HTML 1Page - Texas Instruments UA741CPE4 Datasheet HTML 2Page - Texas Instruments UA741CPE4 Datasheet HTML 3Page - Texas Instruments UA741CPE4 Datasheet HTML 4Page - Texas Instruments UA741CPE4 Datasheet HTML 5Page - Texas Instruments UA741CPE4 Datasheet HTML 6Page - Texas Instruments UA741CPE4 Datasheet HTML 7Page - Texas Instruments UA741CPE4 Datasheet HTML 8Page - Texas Instruments UA741CPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
uA741
SLOS094E – NOVEMBER 1970 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over virtual junction temperature range (unless otherwise noted)
(1)
µA741C
µA741M
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage(2)
–18
18
–22
22
C
VID
Differential input voltage(3)
–15
15
–30
30
V
VI
Input voltage, any input(2)(4)
–15
15
–15
15
V
Voltage between offset null (either OFFSET N1 or OFFSET N2) and VCC–
–15
15
–0.5
0.5
V
Duration of output short circuit(5)
Unlimited
Continuous total power dissipation
See Table 1
TA
Operating free-air temperature range
0
70
–55
125
°C
Case temperature for 60 seconds
FK package
N/A
N/A
260
°C
Lead temperature 1.6 mm (1/16 inch) from case for
J, JG, or U package
N/A
N/A
300
°C
60 seconds
Lead temperature 1.6 mm (1/16 inch) from case for
D, P, or PS package
260
N/A
N/A
°C
10 seconds
Tstg
Storage temperature range
–65
150
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN –.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
The output may be shorted to ground or either power supply. For the µA741M only, the unlimited duration of the short circuit applies at
(or below) 125°C case temperature or 75°C free-air temperature.
7.2 Recommended Operating Conditions
MIN
MAX
UNIT
VCC+
5
15
Supply voltage
V
VCC–
–5
–15
µA741C
0
70
TA
Operating free-air temperature
°C
µA741M
–55
125
Table 1. Dissipation Ratings Table
TA ≤ 25°C
TA = 70°C
DERATING
DERATE
TA = 85°C
TA = 125°C
PACKAGE
POWER
POWER
FACTOR
ABOVE TA
POWER RATING
POWER RATING
RATING
RATING
D
500 mW
5.8 mW/°C
64°C
464 mW
377 mW
N/A
FK
500 mW
11.0 mW/°C
105°C
500 mW
500 mW
275 mW
J
500 mW
11.0 mW/°C
105°C
500 mW
500 mW
275 mW
JG
500 mW
8.4 mW/°C
90°C
500 mW
500 mW
210 mW
P
500 mW
N/A
N/A
500 mW
500 mW
N/A
PS
525 mW
4.2 mW/°C
25°C
336 mW
N/A
N/A
U
500 mW
5.4 mW/°C
57°C
432 mW
351 mW
135 mW
4
Submit Documentation Feedback
Copyright © 1970–2015, Texas Instruments Incorporated
Product Folder Links: uA741


Similar Part No. - UA741CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA741CPE4 TI-UA741CPE4 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPE4 TI-UA741CPE4 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPE4 TI-UA741CPE4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPE4 TI-UA741CPE4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com