Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741MJGB Datasheet(PDF) 1 Page - Texas Instruments

Part # UA741MJGB
Description  General-Purpose Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA741MJGB Datasheet(HTML) 1 Page - Texas Instruments

  UA741MJGB Datasheet HTML 1Page - Texas Instruments UA741MJGB Datasheet HTML 2Page - Texas Instruments UA741MJGB Datasheet HTML 3Page - Texas Instruments UA741MJGB Datasheet HTML 4Page - Texas Instruments UA741MJGB Datasheet HTML 5Page - Texas Instruments UA741MJGB Datasheet HTML 6Page - Texas Instruments UA741MJGB Datasheet HTML 7Page - Texas Instruments UA741MJGB Datasheet HTML 8Page - Texas Instruments UA741MJGB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IN +
IN –
OUT
+
OFFSET N1
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
uA741
SLOS094E – NOVEMBER 1970 – REVISED JANUARY 2015
µA741 General-Purpose Operational Amplifiers
1 Features
3 Description
The µA741 device is a general-purpose operational
1
Short-Circuit Protection
amplifier featuring offset-voltage null capability.
Offset-Voltage Null Capability
The high common-mode input voltage range and the
Large Common-Mode and Differential Voltage
absence of latch-up make the amplifier ideal for
Ranges
voltage-follower applications. The device is short-
No Frequency Compensation Required
circuit
protected
and
the
internal
frequency
No Latch-Up
compensation
ensures
stability
without
external
components. A low value potentiometer may be
connected between the offset null inputs to null out
2 Applications
the offset voltage as shown in Figure 11.
DVD Recorders and Players
The µA741C device is characterized for operation
Pro Audio Mixers
from 0°C to 70°C. The µA741M device (obsolete) is
characterized for operation over the full military
temperature range of –55°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
µA741x
PDIP (8)
9.81 mm × 6.35 mm
SO (8)
6.20 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UA741MJGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA741MJGB TI-UA741MJGB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJGB TI-UA741MJGB Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJGB TI-UA741MJGB Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741MJGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com