Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SA5532DRG4
Description  Dual Low-Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA5532DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SA5532DRG4 Datasheet HTML 3Page - Texas Instruments SA5532DRG4 Datasheet HTML 4Page - Texas Instruments SA5532DRG4 Datasheet HTML 5Page - Texas Instruments SA5532DRG4 Datasheet HTML 6Page - Texas Instruments SA5532DRG4 Datasheet HTML 7Page - Texas Instruments SA5532DRG4 Datasheet HTML 8Page - Texas Instruments SA5532DRG4 Datasheet HTML 9Page - Texas Instruments SA5532DRG4 Datasheet HTML 10Page - Texas Instruments SA5532DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OUT
VCC–
VCC+
36 pF
37 pF
14 pF
7 pF
15 W
460 W
15 W
IN+
IN–
Component values shown are nominal.
NE5532, NE5532A, SA5532, SA5532A
www.ti.com
SLOS075J – NOVEMBER 1979 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The NE5532, NE5532A, SA5532, and SA5532A devices are high-performance operational amplifiers combining
excellent dc and ac characteristics. They feature very low noise, high output-drive capability, high unity-gain and
maximum-output-swing bandwidths, low distortion, high slew rate, input-protection diodes, and output short-
circuit protection. These operational amplifiers are compensated internally for unity-gain operation. These
devices have specified maximum limits for equivalent input noise voltage.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Unity-Gain Bandwidth
The unity-gain bandwidth is the frequency up to which an amplifier with a unity gain may be operated without
greatly distorting the signal. The NE5532, NE5532A, SA5532, and SA5532A devices have a 10-MHz unity-gain
bandwidth.
8.3.2 Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) of an amplifier is a measure of how well the device rejects unwanted
input signals common to both input leads. It is found by taking the ratio of the change in input offset voltage to
the change in the input voltage and converting to decibels. Ideally the CMRR would be infinite, but in practice,
amplifiers are designed to have it as high as possible. The CMRR of the NE5532, NE5532A, SA5532, and
SA5532A devices is 100 dB.
8.3.3 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. The NE5532, NE5532A, SA5532, and SA5532A devices have a 9-V/ms slew rate.
8.4 Device Functional Modes
The NE5532, NE5532A, SA5532, and SA5532A devices are powered on when the supply is connected. Each of
these devices can be operated as a single supply operational amplifier or dual supply amplifier depending on the
application.
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: NE5532 NE5532A SA5532 SA5532A


Similar Part No. - SA5532DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5532DRG4 TI-SA5532DRG4 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532DRG4 TI-SA5532DRG4 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5532DRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com