Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWS-2250E4-A10-A10-30 Datasheet(PDF) 1 Page - AAEON Technology

Part # FWS-2250E4-A10-A10-30
Description  mini-card socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-2250E4-A10-A10-30 Datasheet(HTML) 1 Page - AAEON Technology

  FWS-2250E4-A10-A10-30 Datasheet HTML 1Page - AAEON Technology FWS-2250E4-A10-A10-30 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15-31
Note: All specifications are subject to change without notice.
15
Features
Specifications
FWS-2250
Front View
Rear View
4 LAN Ports Network Appliance
Onboard Intel® Atom™ E3815/E3827/Celeron® J1900 Processor
SoC
204-pin DDR3L 1066/1333 MHz SODIMM up to 2 Slots, up to 8 GB
10/100/1000Base-TX Ethernet x 4 (up to 1 Pair Bypass)
CompactFlash™ Socket x 1
RJ-45 Console x 1, USB 2.0 x 2, USB 3.0 x 1
DC 12V Power Input Requirement
Mini-Card Socket x 1
Desktop 4 LAN Ports Network Appliance with Intel® Atom™ E3815/E3827/Celeron® J1900 Processor SoC
100/1000 LAN LED
Link Active LED
Bypass LED
Power LED
Status LED
HDD LED
Power Switch
USB 2.0 x 2
USB 3.0 x 2
Console
DC-12V Power input
LAN x 4
Reset
Platform
Form Factor
Desktop 4-Port Network Appliance
Processor
Intel® Atom™ E3815 1.46 GHz (Single Core)
Intel® Atom™ E3827 1.75 GHz (Dual Core)
Intel® Celeron® J1900 2.0 GHz (Quad Core)
Chipset
System Memory
204-pin Dual channel DDR3L 1333/1600MHz SODIMM x 2, up to 8GB (E3815
Single Channel)
Network
Ethernet
Intel® i211, Gigabit Ethernet x 4
Bypass
Supports 1 pair bypass function
Display
Graphic Controller
Reserve internal VGA pin header x 1
Connector
Storage
HDDs
Optional SATA II connector x 1
CF/CFast/mSATA
CF socket x 1
Expansion/Internal Interface
PCIe slot
Mini-PCIe slot
Mini-Card slot x 1 (Half size)
Keyboard and Mouse
Reserve pin-header
Universal Serial Bus
USB 2.0 x 2
USB 3.0 x 1
Miscellaneous
RTC
Internal RTC
Watchdog Timer
1~255 steps by software programmable
Software Button
GPIO Programmable push button x 1
TPM
GPIO
FAN
Fan/Fanless refers to order information
MTBF (Hours)
90,630
Color
White
Environmental Parameters and Dimension
Power Requirement
12V DC power in connector/ 40W Power adapter x 1
4-pin DC power out connector for HDD x 1
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Storage Temp.
-4°F ~ 140°F (-20°C ~ 60°C)
Operating Humidity
10%~80% relative humidity, non-condensing
Storage Humidity
10%~80% @40°C, non-condensing
Vibration
0.5 Grms/ 5 ~ 500Hz/ operation
1.5 Grms/ 5 ~ 500Hz/ non-operation
Shock
10 G peak acceleration (11 m sec. duration), operation
20 G peak acceleration (11 m sec. duration), non-operation
Chassis Dimension
(W x D x H)
6.3” x 4.09” x 1.38”
(160mm x 104mm x 35mm)
I/O Interfaces
Front Panel
- Power LED x 1
- Status LED x 1
- HDD Active LED x 1
- Bypass LED x 1 (Optional)
- LAN LED x 8
Rear Panel
- 12V DC Power Input x 1
- Power Button x 1
- USB 3.0 x 1
- USB 2.0 x 2
- RJ-45 LAN x 4
- RJ-45 Console x 1
- Software Programmable Button x 1


Similar Part No. - FWS-2250E4-A10-A10-30

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-2251 AAEON-FWS-2251 Datasheet
299Kb / 2P
   Accessible SIM Cover
FWS-2251E4-A10-A10-00 AAEON-FWS-2251E4-A10-A10-00 Datasheet
299Kb / 2P
   Accessible SIM Cover
FWS-2252 AAEON-FWS-2252 Datasheet
309Kb / 2P
   Mini-Card Slot x 1
FWS-2252E4-A10-A10-00 AAEON-FWS-2252E4-A10-A10-00 Datasheet
309Kb / 2P
   Mini-Card Slot x 1
FWS-2253 AAEON-FWS-2253 Datasheet
292Kb / 2P
   Wide Operating Temperature Range: Intel
More results

Similar Description - FWS-2250E4-A10-A10-30

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MEC1-120-02-F-D-RA1-SL SAMTEC-MEC1-120-02-F-D-RA1-SL Datasheet
349Kb / 1P
   MINI EDGE CARD SOCKET
logo
Tyco Electronics
1318228-1 MACOM-1318228-1 Datasheet
28Kb / 1P
   Mini PCI Socket
logo
Adam Technologies, Inc.
MPCI-124-SG-8-0-A ADAM-TECH-MPCI-124-SG-8-0-A Datasheet
112Kb / 1P
   MINI PCI SOCKET
MPCI-A-124-SG-X-X ADAM-TECH-MPCI-A-124-SG-X-X Datasheet
93Kb / 1P
   MINI PCI SOCKET
MSDPR-11-C-SG ADAM-TECH-MSDPR-11-C-SG Datasheet
94Kb / 1P
   MINI SD SOCKET
logo
3M Electronics
373 3M-373_V01 Datasheet
1Mb / 7P
   Mini-Clamp Socket
September 18, 2018
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
logo
List of Unclassifed Man...
IW-SM2128M1-US ETC2-IW-SM2128M1-US Datasheet
196Kb / 17P
   Mini Socket iWiFi Data Sheet
logo
Dubilier
DBCRJ45S88B DUBILIER-DBCRJ45S88B Datasheet
110Kb / 1P
   NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
logo
SUYIN USA, INC.
030101FR SUYIN-USA-030101FR Datasheet
125Kb / 1P
   MINI DIN SOCKET ROUND SHELL DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com