Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWS-7820W6-H25-A10-000 Datasheet(PDF) 2 Page - AAEON Technology

Part # FWS-7820W6-H25-A10-000
Description  clm with keypad
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7820W6-H25-A10-000 Datasheet(HTML) 2 Page - AAEON Technology

  FWS-7820W6-H25-A10-000 Datasheet HTML 1Page - AAEON Technology FWS-7820W6-H25-A10-000 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15-4
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
Console Cable
Ear Brackets
Product DVD
FWS-7820
M02666600
Slide x 2, for Rackmount Usage
1702031803
Power Cord, 3P-250V/10A, 180D, 1.8M, VDE, YP22/
YP12
1702031802
Power Cord, 3P-250V/10A, 180D, 1.8M, USA, YP22/
YP12
170203180E
Power Cord, 3P-25V/7A, 180D, 1.8M, PSE, YP12/YP12
9761781027
VGA Cable
9761782000
(TF) 3.5” HDD Module
9761782001
(TF) 2.5” x 2 HDD Module
NIM-S26A-A10-01
Intel® Fortville XL710 PCI-Express 10G SFP+ 4 Ports
Module for FWS-7820
NIM-S26B-A10-01
Intel® Fortville XL710 PCI-Express 40G QSFP 2 Ports
Module for FWS-7820
NIM-S13B-A10-00
Intel® 82580EB PCI-Express 1G SFP 8 Ports Module
for FWS-7820
NIM-S13D-A10-00
Intel® 82580EB PCI-Express 1G SFP 4 Ports Module
for FWS-7820
NIM-C13B-A10-00
Intel® 82580EB PCI-Express 1G Copper Ethernet 8
Ports Module for FWS-7820
NIM-C13C-A10-00
Intel® 82580EB PCI-Express 1G Copper Ethernet 4
Ports Module for FWS-7820
Packing List
Optional Accessories
FWS-7820
Ordering Information
Part Number
CPU
Memory
Storage
Display
LAN
USB
Console
Bypass Nim Socket
Expansion Slot
FWS-7820W6-H25-A10-000
6th Generation Intel®
Core/Xeon Processors
DDR4 ECC/UDIMM (Up to 128GB)
3.5" HDD Bay x 1 or 2.5" HDD Bay x 2 (Optional) —
10G SFP+ x 2, 1 GbE x 6 USB 3.0 x 2
RJ-45 x 1
3
PCIe [x8] slot x 1


Similar Part No. - FWS-7820W6-H25-A10-000

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
   TPM Supported (Optional Request), RAID 0,1 Supported
FWS-7821W8-H25-A10-000 AAEON-FWS-7821W8-H25-A10-000 Datasheet
407Kb / 2P
   TPM Supported (Optional Request), RAID 0,1 Supported
More results

Similar Description - FWS-7820W6-H25-A10-000

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7520 AAEON-FWS-7520 Datasheet
260Kb / 2P
   lcm with keypad
FWS-7811 AAEON-FWS-7811 Datasheet
240Kb / 2P
   lcm with keypad
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
Ferroxcube Internationa...
BPL-CLM-P26 FERROXCUBE-BPL-CLM-P26 Datasheet
26Kb / 1P
   BPL-CLM-P26
BPL-CLM-P22 FERROXCUBE-BPL-CLM-P22 Datasheet
26Kb / 1P
   BPL-CLM-P22
BPL-CLM-P14 FERROXCUBE-BPL-CLM-P14 Datasheet
28Kb / 1P
   BPL-CLM-P14
BPL-CLM-P18 FERROXCUBE-BPL-CLM-P18 Datasheet
28Kb / 1P
   BPL-CLM-P18
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
   Piezo Keypad
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com