Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX342A6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX342A6
Description  Microprocessor Timer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX342A6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX342A6 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX342A6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EAGLE SIGNAL brand
Electronic Timers
T
I
M
E
R
S
E
L
E
C
T
R
O
N
I
C
T
I
M
E
R
S
5
5.34 DANAHER SENSORS & CONTROLS
The CX300 is a microprocessor based timer/counter housed in a
standard 15 terminal CYCL-FLEX® plug-in case which allows easy
removal for programming changes and replacement. Time or count
operation, time range, and the type of start input switch operation are
programmed with 7 miniature rocker switches located inside the unit
housing.
The front panel of the CX300 is a sealed membrane keypad which
provides excellent protection for most industrial environments. The time
or count setpoint is entered using the increment and decrement keys for
each digit position. The SET and ENT keys provide access to the
setpoint, as well as to the front panel programmable software functions.
These programmable functions control the pulse output length, setpoint
to zero or zero to setpoint cycle progress indication, and count input
scale factor. The software programming functions are indicated by
prompts to help the user program these functions without the need for
written instructions.
s
Keypad lock function allows viewing of setpoint, but does not allow
unauthorized changes
s
4 1/2 digit (19999) liquid crystal display - .5 inch high digits
s
Annunciators (right of the display) flash to indicate timing or counting
s
Two form C instantaneous contacts and two form C programmed
contacts
s
Five time ranges from 19.999 sec. to 199 hr.: 59 min.
s
Three count rate input rate speeds are programmable with a max.
count display of 19999 - can be extended via count input scale
factor
s
24, 120, or 240 VAC operations
s
Count input available for 120 volt AC or low voltage AC/DC
operations
s
When programmed as timer, count input circuit serves as time inhibit
(without resetting the unit)
s
Non-volatile memory data retention
CERTIFIED
RECOGNIZED
®
®
CX300 Microprocessor Timer/Counter
1
2
3
4
5
6
7
8
Sym.
19999 Cts.
19999 Cts.
19999 Cts.
199.99 Sec.
1999.9 Sec.
19.999 Sec.
199 Min.: 59 Sec.
199 Hr.: 59 Min.
Maximum
Range
Minimum
Setting
1 Ct.
1 Ct.
1 Ct.
.01 Sec.
.1 Sec.
.001 Sec.
1 Sec.
1 Min.
Count
Rate
SPECIFICATIONS
Time/Count Ranges:
Operating Voltage/Frequency: A6 - 120 VAC, 50/60 Hz
B6 - 240 VAC, 50/60 Hz
Z6 - 24 VAC, 50/60 Hz
Time Inhibit/Count Line Terminals B & C:
CX311/CX341 - 12-50 VDC or 20-28 VAC, 50/60 Hz
CX312/CX342 - 120 VAC, 50/60 Hz or 120 VDC
Setting Accuracy: Time:
±0.1% or 50 ms, whichever is larger (0˚ to 60˚C)
Count: 100%
Repeat Accuracy:
Time:
±0.1% or 35 ms, whichever is larger (0˚ to 60˚C)
Count: 100%
Reset Time: 30 ms following voltage removal from simulated clutch input
(CR1)
Power on Response: 300 ms max. after voltage applied to terminal 11
Operating Temperature: +32˚ to +140˚F (0˚ to +60˚C)
Output Rating: Relay: 10 amp (resistive), 120 VAC
Mechanical Life: 20 million operations
Electrical Life: contingent upon controlled load
Solid State: 1 amp, 0-264 VAC, VDC
Vibration: Unit function is unaffected by 2.5G sinusoidal vibration magni-
tude in both directions of the perpendicular mounting axes imposed from
10 to 100 Hz
Static Discharge: Unit function is unaffected by a constant 3600 volt peak,
60 Hz discharge applied to the grounded front plate at a relative humidity
of less than 25%
Approvals: UL Recognition E96337
CSA Certification LR26861
Microprocessor based
timer/counter housed
in the industrial
standard CYCL-FLEX®
case
4000/Sec. 12-50 VDC Count Input
500/Min. AC or DC
5000/Min. AC or DC


Similar Part No. - CX342A6

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX3 EUROQUARTZ-CX3 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX3-AT IQD-CX3-AT Datasheet
179Kb / 2P
   Quartz Crystal Specification
CX3-EXT IQD-CX3-EXT Datasheet
217Kb / 3P
   Quartz Crystal Specification
logo
Crydom Inc.,
CX300A5 CRYDOM-CX300A5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CX300A5R CRYDOM-CX300A5R Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results

Similar Description - CX342A6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com