Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLS14YTT68 Datasheet(PDF) 4 Page - Rohm

Part # SMLS14YTT68
Description  Narrow directivity and high brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLS14YTT68 Datasheet(HTML) 4 Page - Rohm

  SMLS14YTT68 Datasheet HTML 1Page - Rohm SMLS14YTT68 Datasheet HTML 2Page - Rohm SMLS14YTT68 Datasheet HTML 3Page - Rohm SMLS14YTT68 Datasheet HTML 4Page - Rohm SMLS14YTT68 Datasheet HTML 5Page - Rohm SMLS14YTT68 Datasheet HTML 6Page - Rohm SMLS14YTT68 Datasheet HTML 7Page - Rohm SMLS14YTT68 Datasheet HTML 8Page - Rohm SMLS14YTT68 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-S1 Series
lViewing Angle
lRank Reference of Brightness
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
X ' - Y '
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X -Y
X ' -Y '
X -Y
X' -Y'
Red(V, U)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3
6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 1600 to 2500 2500 to 4000
Orange( D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3
6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 1600 to 2500 2500 to 4000
Yellow(Y)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3
6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 1600 to 2500 2500 to 4000
Green (M, P)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3
6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63
63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 1600 to 2500 2500 to 4000
Blue (B)
(Ta=25ºC, IF=20mA)
R1
R2
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
56 to 71
71 to 90
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
Rank
Iv (mcd)
SML-S13BT
Rank
Iv (mcd)
SML-S13VT
SML-S13UT
Rank
Iv (mcd)
SML-S13DT
Rank
SML-S13MT
SML-S13PT
Iv (mcd)
SML-S13Y T
Rank
Iv (mcd)
4/8
2014.12 - Rev.B


Similar Part No. - SMLS14YTT68

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLS14BET ROHM-SMLS14BET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
SMLS14BNTT68 ROHM-SMLS14BNTT68 Datasheet
1Mb / 17P
   Blue Surface Mount Chip LEDs featuring with lens InGaN packed with transparent colorless resin.
2022.8 - Rev.002
SMLS14EET ROHM-SMLS14EET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SMLS14YTT68

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
   5phi Round Narrow-directivity LED (Direct Mount)
logo
Sharp Corporation
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
logo
Anaren Microwave
X3C09P1-04S ANAREN-X3C09P1-04S Datasheet
927Kb / 19P
   High Directivity
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com