Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMR-0101F Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BMR-0101F
Description  System Reset IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BMR-0101F Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BMR-0101F Datasheet HTML 1Page - KODENSHI_AUK CORP. BMR-0101F Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
BMR-0101
System Reset IC
BMR-0101C
BMR-0101D
BMR-0101E
BMR-0101F
BMR-0101G
BMR-0101H
BMR-0101I
BMR-0101J
BMR-0101K
BMR-0101L
Hysteresis voltage
Temperature coefficient of detecting voltage
Low level output voltage
Circuit current at ON
Circuit current at OFF
Threshold operating voltage
Output current at ON 1
Output current at ON 2
Transmission delay time
Transmission delay time
DIMENSIONS
(Unit : mm)
(VC C=5V, Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
RL =470 Ω,VCC =H →L,VOL ≦0.4V
RL =470 Ω,VCC =L →H →L
RL =470 Ω,Ta=–20 ~75 ℃
RL =470 Ω,VCC =VS Min.
RL =∞Ω,VCC =VS Min.
RL =∞Ω,VCC =5.0V
RL =4.7k Ω,VOL ≦0.4V
RL =0 Ω,VCC =VS Min.
RL =0 Ω,Ta=–20 ~75 ℃
RL =4.7k Ω,CL =100pF
RL =4.7k Ω,CL =100pF
Item
Typ.
4.5
4.2
3.9
3.6
3.3
3.1
2.9
2.7
2.5
2.3
100
±0.01
0.1
230
130
1.3
20
-
12
2
VS
△VS
VS /△T
VOL
ICCL
ICCH
VOPL
IOL 1
IOL 2
tPLH
tPHL
4.3
4.0
3.7
3.4
3.1
2.9
2.75
2.55
2.35
2.15
40
-
-
-
-
-
10
5
-
-
4.7
4.4
4.1
3.8
3.5
3.3
3.05
2.85
2.65
2.45
300
-
0.4
380
200
1.5
-
-
35
7
V
mV
%/℃
V
μA
μA
V
mA
mA
μsec
μsec
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
VCC
PD
Topr.
Tstg
Tsol.
-0.3~+10.0
200
-20~+75
-40~+125
260
V
mW
Unit
(Ta=25℃)
*1.5sec at location of 2mm away from lead bottom.
Supply voltage
Power dissipation
Operating temp.
Storage temp.
Soldering temp.*1
BMR–0101 is the low reset type of IC that guarantee to set
again micro computers or logic systems by detecting the
intermittent of fluctuating power supply voltage during
normal use or switching on/off of the equipments.
A comparator type of hysteresis transistor developed by
KODENSHI is built in the IC,so that BMR–0101 is very cost
effective components.
FEATURES
•Low current consumption
•Low operation voltage
•High current of output transistor
•Hysteresis circuit built in
APPLICATIONS
•Micro computer circuits in mobile phones,word
processors,TVs,VCRs etc.
•General logic circuits
•Detection of voltage drop in batteries of note personal
computers,mobile phones
•Switching to backup power supply
Detecting Voltage


Similar Part No. - BMR-0101F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
BMR-0201C KODENSHI-BMR-0201C Datasheet
314Kb / 2P
   System Reset IC
BMR-0201D KODENSHI-BMR-0201D Datasheet
314Kb / 2P
   System Reset IC
BMR-0201E KODENSHI-BMR-0201E Datasheet
314Kb / 2P
   System Reset IC
BMR-0201F KODENSHI-BMR-0201F Datasheet
314Kb / 2P
   System Reset IC
More results

Similar Description - BMR-0101F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
   System reset IC
logo
New Japan Radio
NJU2103B NJRC-NJU2103B Datasheet
1Mb / 29P
   System Reset IC
Ver.1.1
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
   SYSTEM RESET IC
NJM2103M-TE2 NJRC-NJM2103M-TE2 Datasheet
241Kb / 8P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0401 KODENSHI-BMR-0401 Datasheet
322Kb / 2P
   System Reset IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com