Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLS14ETT86 Datasheet(PDF) 6 Page - Rohm

Part # SMLS14ETT86
Description  Narrow directivity and high brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLS14ETT86 Datasheet(HTML) 6 Page - Rohm

  SMLS14ETT86 Datasheet HTML 1Page - Rohm SMLS14ETT86 Datasheet HTML 2Page - Rohm SMLS14ETT86 Datasheet HTML 3Page - Rohm SMLS14ETT86 Datasheet HTML 4Page - Rohm SMLS14ETT86 Datasheet HTML 5Page - Rohm SMLS14ETT86 Datasheet HTML 6Page - Rohm SMLS14ETT86 Datasheet HTML 7Page - Rohm SMLS14ETT86 Datasheet HTML 8Page - Rohm SMLS14ETT86 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-S1 Series
2014.12 - Rev.B
6/8
l
Precaution (Surface Mount Device)
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state, it may vaporize and expand
which will influence the performance of the product. Therefore, the package is waterproof. Please use the
product following the conditions:
• Using Conditions
Classification
Temperature
Humidity
Expiration Date
Remark
1
Before using
5 to 30ºC
30 to 70%RH
Within 1 year
from Receiving Storage with waterproof package
2
After opening
package
5 to 30ºC
Below 70%RH
Within168h Please storing in the airtight container with
our desiccant (silica gel)
• Baking
Bake the product in case of below:
1
The expiration date is passed.
2
The color of indicator (silica gel) turned from blue to colorless or from green to pink.
(Even if the product is within the expiration date.)
• Baking Conditions
Temperature
Time
Humidity
60±3ºC
12 to 24h
Below 20%RH
Remark
• Bake products in reel.
• Reel and embossed tape are easy to be deformed when baking, so please try not to
apply stress on it.
• Recommend bake once.
2.Application Methods
2-1. Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that applies on the
products. If drive by constant voltage, it may cause current deviation of the LED and result in deviation of
luminous intensity, so we recommend to drive by constant current. (Deviation of VF Value will cause deviation of
current in LED.) Furthermore, for off mode, please do not apply voltage neither forward nor reverse. Especially,
for the products with the Ag-paste used in the die bonding, there’s high possibility to cause electro migration and
result in function failure.
2-2. Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments (applied current,
surrounding temperature and humidity, corrosive gases), please call our Sales staffs for inquiries about the
concerned application below.
1
Longtime intensity of light life
2
On mode all the time
2-3.Applied Stress on Product
The top of the LED is very soft, which the silicon resin is used as sealing resin. Therefore, please pay attention
to the overstress on it which may influence its reliability.
2-4.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip, Rectifier,
Switching and so on.


Similar Part No. - SMLS14ETT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLS14EET ROHM-SMLS14EET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SMLS14ETT86

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
   5phi Round Narrow-directivity LED (Direct Mount)
logo
Sharp Corporation
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
logo
Anaren Microwave
X3C09P1-04S ANAREN-X3C09P1-04S Datasheet
927Kb / 19P
   High Directivity
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com