Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CN Datasheet(PDF) 4 Page - Texas Instruments

Part # LM10CN
Description  Operational Amplifier and Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CN Datasheet(HTML) 4 Page - Texas Instruments

  LM10CN Datasheet HTML 1Page - Texas Instruments LM10CN Datasheet HTML 2Page - Texas Instruments LM10CN Datasheet HTML 3Page - Texas Instruments LM10CN Datasheet HTML 4Page - Texas Instruments LM10CN Datasheet HTML 5Page - Texas Instruments LM10CN Datasheet HTML 6Page - Texas Instruments LM10CN Datasheet HTML 7Page - Texas Instruments LM10CN Datasheet HTML 8Page - Texas Instruments LM10CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM10
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3)
MIN
MAX
UNIT
LM10/LM10B/LM10C
45
V
Total supply voltage
LM10BL/LM10CL
7
V
LM10/LM10B/LM10C
±40
V
Differential input voltage(4)
LM10BL/LM10CL
±7
V
Power dissipation(5)
Internally limited
Output short-circuit duration(6)
Continuous
TO
Soldering (10 seconds)
300
°C
Soldering (10 seconds)
260
°C
Lead temperature
DIP
Vapor phase (60 seconds)
215
°C
Infrared (15 seconds)
220
°C
LM10
150
°C
Maximum junction
LM10B
100
°C
temperature
LM10C
85
°C
Storage temperature, Tstg
−55
150
°C
(1)
Refer to RETS10X for LM10H military specifications.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the
maximum differential input voltage and excess dissipation is accounted for when VIN < V
.
(5)
The maximum, operating-junction temperature is 150°C for the LM10, 100°C for the LM10B(L) and 85°C for the LM10C(L). At elevated
temperatures, devices must be derated based on package thermal resistance.
(6)
Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress
with a shorted output and worst-case conditions.
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply input voltage range (V–) – (V+)
1.2
40
V
VCM
Common-mode voltage
(V–)
(V+) – 0.85
V
VREF
Reference voltage
0.2
V
IREF
Reference current
0
1
mA
6.3 Thermal Information
LM10
THERMAL METRIC(1)
NEV (SDIP)
NPA (SOIC)
P (PDIP)
UNIT
8 PINS
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
150
90
87
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: LM10


Similar Part No. - LM10CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CN NSC-LM10CN Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CN TI-LM10CN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CN NSC-LM10CN Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10CN10 CYNERGY3-LM10CN10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
logo
Linear Technology
LM10CN8 LINER-LM10CN8 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results

Similar Description - LM10CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com