Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482AIMX Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482AIMX
Description  CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482AIMX Datasheet(HTML) 2 Page - Texas Instruments

  LMC6482AIMX Datasheet HTML 1Page - Texas Instruments LMC6482AIMX Datasheet HTML 2Page - Texas Instruments LMC6482AIMX Datasheet HTML 3Page - Texas Instruments LMC6482AIMX Datasheet HTML 4Page - Texas Instruments LMC6482AIMX Datasheet HTML 5Page - Texas Instruments LMC6482AIMX Datasheet HTML 6Page - Texas Instruments LMC6482AIMX Datasheet HTML 7Page - Texas Instruments LMC6482AIMX Datasheet HTML 8Page - Texas Instruments LMC6482AIMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LMC6482
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 18
1
Features .................................................................. 1
7.3
Feature Description................................................. 18
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 19
3
Description ............................................................. 1
8
Application and Implementation ........................ 20
4
Revision History..................................................... 2
8.1
Application Information............................................ 20
5
Pin Configuration and Functions ......................... 3
8.2
Typical Applications ............................................... 22
6
Specifications......................................................... 3
9
Power Supply Recommendations ...................... 28
6.1
Absolute Maximum Ratings ...................................... 3
10
Layout................................................................... 28
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 28
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 28
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 30
6.5
Electrical Characteristics for V+ = 5 V....................... 4
11.1
Trademarks ........................................................... 30
6.6
Electrical Characteristics for V+ = 3 V....................... 7
11.2
Electrostatic Discharge Caution ............................ 30
6.7
Typical Characteristics .............................................. 9
11.3
Glossary ................................................................ 30
7
Detailed Description ............................................ 18
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 18
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision C (March 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 27
2
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: LMC6482


Similar Part No. - LMC6482AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI1-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI1-LMC6482AIMX Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482AIMX/NOPB TI1-LMC6482AIMX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com