Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101BIM5X Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101BIM5X
Description  Tiny Low-Power Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7101BIM5X Datasheet(HTML) 5 Page - Texas Instruments

  LMC7101BIM5X Datasheet HTML 1Page - Texas Instruments LMC7101BIM5X Datasheet HTML 2Page - Texas Instruments LMC7101BIM5X Datasheet HTML 3Page - Texas Instruments LMC7101BIM5X Datasheet HTML 4Page - Texas Instruments LMC7101BIM5X Datasheet HTML 5Page - Texas Instruments LMC7101BIM5X Datasheet HTML 6Page - Texas Instruments LMC7101BIM5X Datasheet HTML 7Page - Texas Instruments LMC7101BIM5X Datasheet HTML 8Page - Texas Instruments LMC7101BIM5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMC7101, LMC7101Q-Q1
www.ti.com
SNOS719G – SEPTEMBER 1999 – REVISED SEPTEMBER 2015
6.5 Thermal Information
LMC7101
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
170.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
124.7
°C/W
RθJB
Junction-to-board thermal resistance
30.8
°C/W
ψJT
Junction-to-top characterization parameter
17.7
°C/W
ψJB
Junction-to-board characterization parameter
30.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.6 Electrical Characteristics: 2.7 V
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7 V, V= 0 V, V
CM = VO = V
+ / 2 and R
L > 1 MΩ.
LMC7101AI
LMC7101BI
LMC7101Q-Q1(2)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input offset voltage average drift
0.11
6
9
9
mV
V+ = 2.7 V
TCVOS
Input offset voltage
1
μV/°C
IB
Input bias current
–40°C
≤ TJ ≤ 125°C
1
64
64
1000
pA
IOS
Input offset current
–40°C
≤ TJ ≤ 125°C
0.5
32
32
2000
pA
RIN
Input resistance
>1
Tera
Ω
0 V
≤ VCM ≤ 2.7 V
CMRR
Common-mode rejection ratio
70
55
50
50
dB
V+ = 2.7 V
0
0
0
0
V
Input common mode voltage
VCM
For CMRR
≥ 50 dB
range
3
2.7
2.7
2.7
V
V+ = 1.35 V to 1.65 V
PSRR
Power supply rejection ratio
60
50
45
45
dB
V= –1.35 V to –1.65 V
VCM = 0
CIN
Common-mode input capacitance
3
pF
RL = 2 kΩ
2.45
2.15
2.15
2.15
VO
Output swing, min
V
RL = 10 kΩ
2.68
2.64
2.64
2.64
RL = 2 kΩ
0.25
0.5
0.5
0.5
VO
Output swing, max
V
RL = 10 kΩ
0.025
0.06
0.06
0.06
0.5
0.81
0.81
0.81
IS
Supply current
mA
–40°C
≤ TJ ≤ 125°C
0.5
0.95
0.95
0.95
SR
Slew rate(3)
0.7
V/
μs
GBW
Gain-bandwidth product
0.6
MHz
(1)
Typical values represent the most likely parametric normal.
(2)
When operated at temperature between –40°C and 85°C, the LMC7101Q-Q1 will meet LMC7101BI specifications.
(3)
V+ = 15 V. Connected as a voltage follower with a 10-V step input. Number specified is the slower of the positive and negative slew
rates. RL = 100 kΩ connected to 7.5 V. Amplifier excited with 1 kHz to produce VO = 10 VPP.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC7101 LMC7101Q-Q1


Similar Part No. - LMC7101BIM5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101BIM5X NSC-LMC7101BIM5X Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101BIM5X NSC-LMC7101BIM5X Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101BIM5X TI1-LMC7101BIM5X Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101BIM5X/NOPB TI1-LMC7101BIM5X/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
More results

Similar Description - LMC7101BIM5X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7011 NJRC-NJU7011 Datasheet
260Kb / 9P
   LOW-POWER TINY SINGLE C-MOS OPERATIONAL AMPLIFIER?
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7017 NJRC-NJU7017 Datasheet
113Kb / 4P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS OPERATIONAL AMPLIFIER???
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
   Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com