Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA132 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA132
Description  High-Speed FET-Input Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA132 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA132 Datasheet HTML 4Page - Texas Instruments OPA132 Datasheet HTML 5Page - Texas Instruments OPA132 Datasheet HTML 6Page - Texas Instruments OPA132 Datasheet HTML 7Page - Texas Instruments OPA132 Datasheet HTML 8Page - Texas Instruments OPA132 Datasheet HTML 9Page - Texas Instruments OPA132 Datasheet HTML 10Page - Texas Instruments OPA132 Datasheet HTML 11Page - Texas Instruments OPA132 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Frequency (Hz)
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
2kΩ
600Ω
R
L
G = +10
G = +1
V
O = 3.5Vrms
Frequency (Hz)
10k
100k
1M
10M
30
20
10
0
V
S = ±15V
V
S = ±2.5V
V
S = ±5V
Maximum output voltage
without slew-rate
induced distortion
Offset Voltage (µV)
12
10
8
6
4
2
0
Typical production
distribution of packaged
units. Single, dual and
quad units included.
Offset Voltage Drift (µV/°C)
12
10
8
6
4
2
0
Typical production distribution
of packaged units. Single,
dual and quad units included.
Ambient Temperature ( °C)
4.3
4.2
4.1
4.0
3.9
3.8
60
50
40
30
20
10
–75
–50
–25
0
25
50
75
100
125
±I
SC
±I
Q
Ambient Temperature ( °C)
130
120
110
100
90
–75
–50
–25
0
25
50
75
100
125
Open-Loop
Gain
PSR
CMR
OPA132, OPA2132, OPA4132
SBOS054B – JANUARY 1995 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 2 kΩ, unless otherwise noted.
Figure 7. AOL, CMR, PSR vs Temperature
Figure 8. Quiescent Current and Short-Circuit Current vs
Temperature
Figure 10. Offset Voltage Drift Production Distribution
Figure 9. Offset Voltage Production Distribution
Figure 11. Total Harmonic Distortion + Noise vs Frequency
Figure 12. Maximum Output Voltage vs Frequency
8
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: OPA132 OPA2132 OPA4132


Similar Part No. - OPA132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
OPA132P BURR-BROWN-OPA132P Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132P BURR-BROWN-OPA132P Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com