Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA171-Q1
Description  Single-Supply, General-Purpose Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA171-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 9Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 10Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 11Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 12Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 13Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
30
20
10
0
10
20
30
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7V
S
V =4V
S
V =36V
S
3
2
1
0
1
2
3
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7Vto36V
S
V =4Vto36V
S
18
0
2
4
6
8
16
OutputCurrent(mA)
10
12
14
17
16
15
14.5
-14.5
-15
-16
-17
-18
-
°
40 C
+25 C
°
+85 C
°
+125 C
°
140
120
100
80
60
40
20
0
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
+PSRR
-PSRR
CMRR
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-20
-12
-6
0
6
20
V
(V)
CM
12
-IB
+I
B
-IOS
-18
18
V
= 18.1V
-
CM
V
=16V
CM
I
B+
I
B-
I
OS
10000
1000
100
10
1
0
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
I
B
I
OS
OPA171-Q1, OPA2171-Q1, OPA4171-Q1
SBOS556C – JUNE 2011 – REVISED DECEMBER 2015
www.ti.com
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Output Voltage Swing vs Output Current
Figure 10. CMRR and PSRR vs Frequency (Referred-to
(Maximum Supply)
Input)
Figure 11. CMRR vs Temperature
Figure 12. PSRR vs Temperature
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1


Similar Part No. - OPA171-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
More results

Similar Description - OPA171-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com