Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7704MAX Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP7704MAX
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7704MAX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7704MAX Datasheet HTML 7Page - Texas Instruments LMP7704MAX Datasheet HTML 8Page - Texas Instruments LMP7704MAX Datasheet HTML 9Page - Texas Instruments LMP7704MAX Datasheet HTML 10Page - Texas Instruments LMP7704MAX Datasheet HTML 11Page - Texas Instruments LMP7704MAX Datasheet HTML 12Page - Texas Instruments LMP7704MAX Datasheet HTML 13Page - Texas Instruments LMP7704MAX Datasheet HTML 14Page - Texas Instruments LMP7704MAX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Electrical Characteristics 5-V (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V= 0 V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
Total Harmonic Distortion +
THD+N
f = 1 kHz, AV = 1, RL = 10 kΩ
0.02%
Noise
Input Referred Voltage Noise
en
f = 1 kHz
9
nV/
√Hz
Density
Input Referred Current Noise
in
f = 100 kHz
1
fA/
√Hz
Density
7.7 Electrical Characteristics ±5-V
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V= −5 V, V
CM = 0 V, and RL > 10 kΩ to 0 V.
(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
±37
±200
LMP7701
at the temperature
±500
extremes
VOS
Input Offset Voltage
μV
±37
±220
LMP7702/LMP7704
at the temperature
±520
extremes
±1
Input Offset Voltage
TCVOS
See (4)
μV/°C
at the temperature
Temperature Drift
±5
extremes
±0.2
1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 85°C
±50
extremes
IB
Input Bias Current
pA
±0.2
1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 125°C
±400
extremes
IOS
Input Offset Current
40
fA
92
138
−5 V ≤ VCM ≤ 5 V
at the temperature
LMP7701
88
extremes
CMRR
Common-Mode Rejection Ratio
dB
90
138
−5 V ≤ VCM ≤ 5 V
at the temperature
LMP7702/LMP7704
86
extremes
86
98
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 12 V, VO = 0 V
dB
at the temperature
82
extremes
CMRR
≥ 80 dB
−5.2
5.2
CMVR
Common-Mode Voltage Range
V
at the temperature
CMRR
≥ 78 dB
−5.2
5.2
extremes
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7701 LMP7702 LMP7704


Similar Part No. - LMP7704MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7704MAX TI-LMP7704MAX Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7704MAX TI-LMP7704MAX Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7704MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com