Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171AQDBVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AQDBVRQ1
Description  Single-Supply, General-Purpose Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AQDBVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA171AQDBVRQ1 Datasheet HTML 1Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA171AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
OPA171-Q1, OPA2171-Q1, OPA4171-Q1
www.ti.com
SBOS556C – JUNE 2011 – REVISED DECEMBER 2015
7.2 ESD Ratings
VALUE
UNIT
OPA171-Q1
Human body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±500
OPA2171-Q1
Human body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1000
OPA4171-Q1
Human body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (V+ – V–)
4.5 (±2.25)
36 (±18)
V
Specified temperature
–40
125
°C
7.4 Thermal Information — OPA171-Q1 and OPA2171-Q1
OPA171-Q1
OPA2171-Q1
THERMAL METRIC(1)
DBV (SOT-23)
D (SOIC)
DGK (VSSOP)
UNIT
5 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
277.3
116.1
186.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
193.3
69.8
78
°C/W
RθJB
Junction-to-board thermal resistance
121.2
56.6
107.8
°C/W
ψJT
Junction-to-top characterization parameter
51.8
22.5
15.6
°C/W
ψJB
Junction-to-board characterization parameter
109.5
56.1
106.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Thermal Information — OPA4171-Q1
OPA4171-Q1
THERMAL METRIC(1)
D (SOIC)
PW (TSSOP)
UNIT
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
93.2
106.9
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
51.8
24.4
°C/W
RθJB
Junction-to-board thermal resistance
49.4
59.3
°C/W
ψJT
Junction-to-top characterization parameter
13.5
0.6
°C/W
ψJB
Junction-to-board characterization parameter
42.2
54.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.6 Electrical Characteristics
At TA = 25°C, VS = 2.7 to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted. The
specified temperature range is TA = –40°C to +125°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.25
±1.8
mV
Input offset voltage over temperature
0.3
±2
mV
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1


Similar Part No. - OPA171AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AQDBVRQ1 TI1-OPA171AQDBVRQ1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - OPA171AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com