Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171AIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDBVT
Description  Single-Supply, SOT553, General-Purpose Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA171AIDBVT Datasheet HTML 4Page - Texas Instruments OPA171AIDBVT Datasheet HTML 5Page - Texas Instruments OPA171AIDBVT Datasheet HTML 6Page - Texas Instruments OPA171AIDBVT Datasheet HTML 7Page - Texas Instruments OPA171AIDBVT Datasheet HTML 8Page - Texas Instruments OPA171AIDBVT Datasheet HTML 9Page - Texas Instruments OPA171AIDBVT Datasheet HTML 10Page - Texas Instruments OPA171AIDBVT Datasheet HTML 11Page - Texas Instruments OPA171AIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
OPA171, OPA2171, OPA4171
SBOS516E – SEPTEMBER 2010 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
at TA = 25°C, VS = 2.7 to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Specified voltage range
VS
2.7
36
V
Quiescent current per
IQ
IO = 0A
475
595
µA
amplifier
Over temperature
IO = 0 A, TA = –40°C to 125°C
650
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: OPA171 OPA2171 OPA4171


Similar Part No. - OPA171AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDBVT TI1-OPA171AIDBVT Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171AIDBVT TI1-OPA171AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDBVT TI1-OPA171AIDBVT Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA171AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com