Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDR
Description  Low Offset Voltage, Low Input Bias Current Op Amp
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA191IDR Datasheet HTML 5Page - Texas Instruments OPA191IDR Datasheet HTML 6Page - Texas Instruments OPA191IDR Datasheet HTML 7Page - Texas Instruments OPA191IDR Datasheet HTML 8Page - Texas Instruments OPA191IDR Datasheet HTML 9Page - Texas Instruments OPA191IDR Datasheet HTML 10Page - Texas Instruments OPA191IDR Datasheet HTML 11Page - Texas Instruments OPA191IDR Datasheet HTML 12Page - Texas Instruments OPA191IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701 – DECEMEBER 2015
6.8 Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = 4.5 V to 8 V)
at TA = +25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±5
±25
VS = ±2.25V,
TA = 0°C to 85°C
±8
±75
VCM = (V+) – 3 V
TA = –40°C to +125°C
±10
±125
See Common-Mode Voltage Range
VOS
Input offset voltage
(V+) – 3.0 V < VCM < (V+) – 1.5 V
µV
section
±10
±50
VS = ±3V,
TA = 0°C to 85°C
±25
±150
VCM = (V+) – 1.5 V
TA = –40°C to +125°C
±50
±250
VS = ±2.25V,
TA = 0°C to 85°C
±0.1
±0.8
VCM = (V+) – 3 V,
TA = –40°C to +125°C
±0.15
±1.2
D package only
dVOS/dT
Input offset voltage drift
µV/°C
VS = ±2.25V,
VCM = (V+) – 1.5 V,
TA = –40°C to +125°C
±0.5
D package only
Power-supply rejection
PSRR
TA = –40°C to +125°C, VCM = VS / 2 – 0.75 V
±1
µV/V
ratio
INPUT BIAS CURRENT
±5
±20
pA
IB
Input bias current
TA = –40°C to +125°C
±9
nA
±2
±20
pA
IOS
Input offset current
TA = –40°C to +125°C
±2
nA
NOISE
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 0.1 Hz to 10 Hz
1.4
En
Input voltage noise
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 0.1 Hz to 10 Hz
7
f = 100 Hz
18
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 1 kHz
15
en
Input voltage noise density
nV/
√Hz
f = 100 Hz
53
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 1 kHz
24
in
Input current noise density
f = 1 kHz
1.5
fA/
√Hz
INPUT VOLTAGE
Common-mode voltage
VCM
(V–) – 0.1
(V+) + 0.1
V
range
VS = ±2.25 V,
96
110
(V–) – 0.1 V < VCM < (V+) – 3 V
VS = ±2.25 V,
TA = –40°C to +125°C
90
104
(V–) < VCM < (V+) – 3 V
Common-mode rejection
CMRR
dB
ratio
96
120
VS = ±2.25 V,
(V+) – 1.5 V < VCM < (V+)
TA = –40°C to +125°C
84
100
(V+) – 3 V < VCM < (V+) – 1.5 V
See Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
1013
Ω ||
ZIC
Common-mode
1 || 6.4
pF
OPEN-LOOP GAIN
VS = ±2.25V,
110
120
(V–) + 0.6 V < VO < (V+) – 0.6 V,
TA = –40°C to +125°C
100
114
RL = 2 kΩ
AOL
Open-loop voltage gain
dB
VS = ±2.25V,
110
126
(V–) + 0.3 V < VO < (V+) – 0.3 V,
TA = –40°C to +125°C
106
120
RL = 10 kΩ
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA191 OPA2191 OPA4191


Similar Part No. - OPA191IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191IDR TI1-OPA191IDR Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191IDR TI1-OPA191IDR Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDR TI1-OPA191IDR Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDR TI1-OPA191IDR Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191IDR TI1-OPA191IDR Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA191IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
335Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008_15 Datasheet
281Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com