Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA192IDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDGKR
Description  Low Input Bias Current Op Amp
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA192IDGKR Datasheet HTML 5Page - Texas Instruments OPA192IDGKR Datasheet HTML 6Page - Texas Instruments OPA192IDGKR Datasheet HTML 7Page - Texas Instruments OPA192IDGKR Datasheet HTML 8Page - Texas Instruments OPA192IDGKR Datasheet HTML 9Page - Texas Instruments OPA192IDGKR Datasheet HTML 10Page - Texas Instruments OPA192IDGKR Datasheet HTML 11Page - Texas Instruments OPA192IDGKR Datasheet HTML 12Page - Texas Instruments OPA192IDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
Electrical Characteristics: VS = ±4 V to ±18 V (VS = +8 V to +36 V) (continued)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
G = 1, 10-V step
20
V/µs
V S = ±18 V, G = 1, 10-V step
1.4
To 0.01%
V S = ±18 V, G = 1, 5-V step
0.9
ts
Settling time
µs
V S = ±18 V, G = 1, 10-V step
2.1
To 0.001%
V S = ±18 V, G = 1, 5-V step
1.8
tOR
Overload recovery time
VIN × G = VS
200
ns
Total harmonic
THD+N
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.00008%
distortion + noise
OPA2192 and OPA4192, at dc
150
Crosstalk
dB
OPA2192 and OPA4192, f = 100 kHz
130
OUTPUT
No load
5
15
Positive rail
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
Voltage output swing
VO
mV
from rail
No load
5
15
Negative rail
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
Open-loop output
ZO
f = 1 MHz, IO = 0 A, see Figure 31
375
Ω
impedance
POWER SUPPLY
IO = 0 A
1
1.2
Quiescent current per
IQ
mA
amplifier
TA = –40°C to +125°C, IO = 0 A
1.5
TEMPERATURE
Thermal protection(1)
140
°C
(1)
For a detailed description of thermal protection, see the Thermal Protection section.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA192 OPA2192 OPA4192


Similar Part No. - OPA192IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192IDGKR TI1-OPA192IDGKR Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results

Similar Description - OPA192IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LTC6268 LINER-LTC6268_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269 LINER-LTC6269_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6269-10 LINER-LTC6269-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
[Old version datasheet]   OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com