Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMR-0301K Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BMR-0301K
Description  System Reset IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BMR-0301K Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BMR-0301K Datasheet HTML 1Page - KODENSHI_AUK CORP. BMR-0301K Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
BMR-0301
System Reset IC
BMR-0301C
BMR-0301D
BMR-0301E
BMR-0301F
BMR-0301G
BMR-0301H
BMR-0301I
BMR-0301J
BMR-0301K
BMR-03 01L
Hysteresis voltage
Temperature coefficient of detecting voltage
Low level output voltage
Circuit current at ON
Circuit current at OFF
Threshold operating voltage
Output current at ON 1
Output current at ON 2
Transmission delay time
Transmission delay time
DIMENSIONS
(Unit : mm)
(VC C=5V, Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
RL =470 Ω,VCC =H →L,VOL ≦0.4V
RL =470 Ω,VCC =L →H →L
RL =470 Ω,Ta=–20 ~75 ℃
RL =470 Ω,VCC =VS Min.
RL =∞Ω,VCC =VS Min.
RL =∞Ω,VCC =VS Max+0.1V
RL =4.7k Ω,VOL ≦0.4V
RL =0 Ω,VCC =VS Min.
RL =0 Ω,Ta=–20 ~75 ℃
RL =4.7k Ω,CL =100pF
RL =4.7k Ω,CL =100pF
Item
Typ.
4.5
4.2
3.9
3.6
3.3
3.1
2.9
2.7
2.5
2.3
100
±0.01
0.1
100
1.0
1.4
20
-
100
10
VS
△VS
VS /△T
VOL
ICCL
ICCH
VOPL
IOL 1
IOL 2
tPLH
tPHL
4.3
4.0
3.7
3.4
3.1
2.9
2.75
2.55
2.35
2.15
40
-
-
-
-
-
10
5
-
-
4.7
4.4
4.1
3.8
3.5
3.3
3.05
2.85
2.65
2.45
300
-
0.4
180
2.5
1.6
-
-
500
20
V
mV
%/℃
V
μA
μA
V
mA
mA
μsec
μsec
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
VCC
PD
Topr.
Tstg
Tsol.
-0.3~+10.0
200
-20~+75
-40~+125
260
V
mW
Unit
(Ta=25℃)
*1.5sec at location of 2mm away from lead bottom.
Supply voltage
Power dissipation
Operating temp.
Storage temp.
Soldering temp.
*1
BMR–0301 is the low reset type of IC that guarantee to set againmicro
computers or logic systems by detecting the intermittent of fluctuating
power supply voltage during normal use or switching on/off of
theequipments.
A comparator type of hysteresis transistor developed by KODENSHI is
built in the IC,so that BMR–0301 is very cost effective components.
And,BMR–0301 is a super–low consumption electric current system
reset IC which has been developed with using high resistance
process.
FEATURES
•Super–low current consumption
•Low operation voltage
•High current of output transistor
•Hysteresis circuit built in
•It has on delay function to supplement the constant of outer
C and R
APPLICATIONS
•Micro computer circuits in mobile phones,word processors,
TVs,VCRs etc.
•General logic circuits
•Detection of voltage drop in batteries of note personal
computers mobile phones
•Switching to backup power supply
Detecting Voltage


Similar Part No. - BMR-0301K

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0302 KODENSHI-BMR-0302 Datasheet
316Kb / 2P
   Dual Color LED Lamp
BMR-0302C KODENSHI-BMR-0302C Datasheet
316Kb / 2P
   Dual Color LED Lamp
BMR-0302D KODENSHI-BMR-0302D Datasheet
316Kb / 2P
   Dual Color LED Lamp
BMR-0302E KODENSHI-BMR-0302E Datasheet
316Kb / 2P
   Dual Color LED Lamp
BMR-0302F KODENSHI-BMR-0302F Datasheet
316Kb / 2P
   Dual Color LED Lamp
More results

Similar Description - BMR-0301K

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
   System reset IC
logo
New Japan Radio
NJU2103B NJRC-NJU2103B Datasheet
1Mb / 29P
   System Reset IC
Ver.1.1
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0101 KODENSHI-BMR-0101 Datasheet
316Kb / 2P
   System Reset IC
logo
New Japan Radio
NJM2103M-TE2 NJRC-NJM2103M-TE2 Datasheet
241Kb / 8P
   SYSTEM RESET IC
logo
KODENSHI_AUK CORP.
BMR-0401 KODENSHI-BMR-0401 Datasheet
322Kb / 2P
   System Reset IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com