Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFX-0500 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SFX-0500
Description  specification describes the requirements of 200,220,250,275Watts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFX-0500 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SFX-0500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFX-0500 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Enhance Electronics Co.,LTD
__________________________________________________________________________________________________
Product Specification
P Optional Connector (Molex 1-480704-0 or equivalent)
18 AWG wire
Signal
Pin
Pin
Signal
18AWG wire
YELLOW
+12V
1
4
RED
+5V
Black
GND
2
5
ORANGE +3.3V
Black
GND
3
6
NC
F10. FAN SPEED CONTROL
Fan voltage varies with the ambient temperature and/or output power.
AUDIT:________李復新_________CHECK:__________________DESIGN:_________李麗萍__________
SFX-0500 S (80PLUS ) SPEC REV: 40
10 OF 10
2011/03/19


Similar Part No. - SFX-0500

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SFX-102G CONNOR-WINFIELD-SFX-102G Datasheet
1Mb / 8P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
logo
List of Unclassifed Man...
SFX-2020 ETC-SFX-2020 Datasheet
77Kb / 1P
   Mechanical Drawing
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
Connor-Winfield Corpora...
SFX-400G CONNOR-WINFIELD-SFX-400G Datasheet
138Kb / 8P
   Synchronous Clock Generators
More results

Similar Description - SFX-0500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP7000 ETC2-ENP7000 Datasheet
278Kb / 10P
   specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
   This specification describes the requirements of 650W/750Watts switching power
ENH0800A ETC2-ENH0800A Datasheet
181Kb / 7P
   specification describes the requirements of 400W watts switching power supply
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
   specification describes the requirements of 40 watts switching power supply
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
   specification describes the requirements of 60 watts switching power supply
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
   This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
ATX0200 ETC2-ATX0200 Datasheet
268Kb / 11P
   specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
logo
Freescale Semiconductor...
MC9S12XD256CAL FREESCALE-MC9S12XD256CAL Datasheet
7Mb / 1348P
   This specification describes the function of the clocks and reset generator (CRG).
logo
Analog Devices
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
   This specification documents the detailed requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com