Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSPR3232ADP301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUSPR3232ADP301
Description  NVM EXPRESS??COMPATIBLE PCIE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSPR3232ADP301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUSPR3232ADP301 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSPR3232ADP301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model /Part No.
HUSPR3216AHP301/
0T00831
HUSPR3232AHP301/
0T00833
HUSPR3280ADP301/
0T00835
HUSPR3216ADP301 /
0T00837
HUSPR3232ADP301/
0T00839
Configuration
Default capacities (GB1)
3200/1600
3200/1600
800
Capacity range2 (min-max GB)
2240-3820/
1120-1910
2240-3820/
1120-1910
560-955
Interface
PCIe 3.0 x4
PCIe 3.0 x4 (8639)
Form factors
HH-HL add-in card
SFF 2.5-inch drive
Performance3
Read throughput (max MB/s, sequential 128k)
3000
3000
2600
Write throughput (max MB/s, sequential 128k) 1600
1600
1400
Read IOPS (max IOPS, random 4k)
743,000
743,000
634,000
Write IOPS (max IOPS, random 4k)
140,000
140,000
80,000
Mixed IOPS (70/30 R/W, random 4k)
310,000
310,000
190,000
Read IOPS (max IOPS, random 8k)
385,000
385,000
330,000
Write IOPS (max IOPS, random 8k)
75,000
75,000
42,000
Latency 512B (μs)
20
20
20
Reliability
MTBF4 (M hours)
2.0
Annual failure rate4 (AFR)
0.44%
Endurance
3 DW/D
Warranty
5 years
Physical
Dimensions, without bracket (mm)
167.65 x 68.9 x 14.49
100.45 x 69.85 x 15
Weight, without bracket (g)
232 / 231
177 / 174 / 166
Environmental
Power consumption
(active/idle)
25 Watts / 8 Watts
25 Watts / 8 Watts
Operating temperature
0° to 55°C
0° to 70°C
Non-operating temperature
-40° to 70°C
-40° to 70°C
Airflow (LFM)
300
300
Thermal throttling
Supported
Temperature monitoring
In-band and out-band using SMBus
PowerSafe® technology
Data protection during power loss
Power throttling
Supported
Power rails
3.3V aux, 12V supply rail
JEDEC compliance
3-month retention at 40°C at EOL
Operating Systems
Linux
RHEL 6/7, SLES 12, CentOS 6/7, Open SUSE 12
Windows
Microsoft Server 2008 R2, Windows 2012,
Windows 2012 Server
Software
HGST Device Manager (HDM)
CLI and GUI interface
NVMe standard
1.1a
Manufacturing Standards
Penang, Malaysia
ISO 9001:2008 certified, ISO 14001:2004 certified
Ultrastar® SN100 Series
DATA SHEET
NVM EXPRESS™ COMPATIBLE PCIE SOLID-STATE DRIVES
How to Read the Ultrastar Model Number
HUSPR3232AHP301 = 3200GB, HH-HL, PCIe Gen 3.0
H = HGST
U = Ultrastar
S = Standard
PR = PCIe read intense
32 = Full capacity (3200GB)
32 = Capacity of this model
(32 = 3200GB, 16 = 1600GB, 80 = 800GB)
A = Generation code
H = HH-HL form factor (vs. D for SFF form factor)
P3 = Interface, PCIe Gen 3.0
0 = Reserved
1 = NVMe compatible
1 One gigabyte (GB) is equal to one billion bytes, one
terabyte (TB) is equal to 1,000GB (one trillion bytes), and
one petabyte (PB) is equal to 1,000TB (one quadrillion
bytes) when referring to solid-state drive or hard drive
capacity. Accessible capacity will vary from the stated
capacity due to formatting and partitioning of the drive,
the computer’s operating system, and other factors.
2
Performance and endurance will vary with changes in
usable capacity. Consult product manual for further
details.
3
All performance measurements are in full sustained
mode.
4
MTBF and AFR targets are based on a sample
population and are estimated by statistical
measurements and acceleration algorithms under
median operating conditions. MTBF and AFR ratings
do not predict an individual drive’s reliability and do not
constitute a warranty.
© 2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 6/15, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DS26-EN-US-0815-02
ULTRASTAR SN150
ULTRASTAR SN100


Similar Part No. - HUSPR3232ADP301

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HUS MERCURY-HUS Datasheet
104Kb / 1P
   Thru - Hole Crystals
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HUS-0509 POWER-SYSTEMS-HUS-0509 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HUS-0512 POWER-SYSTEMS-HUS-0512 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HUS-0515 POWER-SYSTEMS-HUS-0515 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results

Similar Description - HUSPR3232ADP301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
VIA Technologies, Inc.
VT6098 VIA-VT6098 Datasheet
221Kb / 1P
   Solid State Drives (SSDs)
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com