Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSMR1610ASS205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUSMR1610ASS205
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMR1610ASS205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUSMR1610ASS205 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMR1610ASS205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model /
Part No.
HUSMR1619ASS234 / 0B32278
HUSMR1619ASS230 / 0B32213
HUSMR1619ASS231 / 0B32247
HUSMR1619ASS235 / 0B32297
HUSMR1616ASS204 / 0B32263
HUSMR1616ASS200 / 0B31079
HUSMR1616ASS201 / 0B32236
HUSMR1616ASS205 / 0B32285
HUSMR1610ASS204 / 0B32262
HUSMR1610ASS200 / 0B31078
HUSMR1610ASS201 / 0B32235
HUSMR1610ASS205 / 0B32284
HUSMR1680ASS204 / 0B32261
HUSMR1680ASS200 / 0B31077
HUSMR1680ASS201 / 0B32234
HUSMR1680ASS205 / 0B32283
HUSMR1650ASS204 / 0B32260
HUSMR1650ASS200 / 0B31076
HUSMR1650ASS201 / 0B32233
HUSMR1650ASS205 / 0B32282
HUSMR1640ASS204 / 0B32259
HUSMR1640ASS200 / 0B31075
HUSMR1640ASS201 / 0B32232
HUSMR1640ASS205 / 0B32281
HUSMR1625ASS204 / 0B32258
HUSMR1625ASS200 / 0B31074
HUSMR1625ASS201 / 0B32231
HUSMR1625ASS205 / 0B32280
Configuration
Interface
SAS 12Gb/s
Capacity (GB1) at 512 bytes/sector
1920 / 1600 / 1000 / 800 /
500 / 400 / 250
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Sector size support
512, 520, 528, 4K
Performance
Read throughput (max MB/s, sequential 64K)
1100
Write throughput (max MB/s, sequential 64K)
700
Read IOPS (max IOPS, random 4K)
130,000
Write IOPS (max IOPS, random 4k)
30,000
Ultrastar® SSD1600MR
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
Reliability
Error rate (non-recoverable bits read)
1 in 1017
MTBF2 (M hours)
2.5
Annual failure rate2 (AFR)
0.35%
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
10.5 / 5.8 / 4.8 / 2.92 / 2.4 / 1.46 / 1.2
Power
Requirement
+5 VDC (+/-5%)
+12 VDC (+/-5%)
Operating (W, typical)
9.0 and 11.0
Idle (W)
2.2
Physical
z-height (mm)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, max)
187
Environmental (operating)
Case temperature
0º to 70ºC
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration, random (G RMS)
2.16, all axis (5 to 700 Hz)
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB (one trillion bytes),
and one petabyte (PB) is equal to 1,000TB (one quadrillion bytes) when referring to solid-state drive
or hard drive capacity. Accessible capacity will vary from the stated capacity due to formatting and
partitioning of the drive, the computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical
measurements and acceleration algorithms under median operating conditions. MTBF and AFR ratings
do not predict an individual drive’s reliability and do not constitute a warranty.
How to Read the Ultrastar Model Number
HUSMR1616ASS200 = 1600GB, SAS 12Gb/s
H = HGST
U = Ultrastar
S = Standard
MR= Multi level cell, read-intensive (2DW/D)
16 = Full initial capacity (1600GB)
16 = Capacity of this model (19 = 1920GB,
16 = 1600GB, 10 = 1000GB, 80 = 800GB, etc.)
A = Generation code
S = Small form factor (vs. L for Large FF)
S2 = Interface, SAS 12Gb/s
0 = Standard (3 = 3DW/D)
0 = Crypto sanitize
(1 = TCG encryption, 4 = No encryption,
5 = TCG + FIPS certified encryption)
© 2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 4/15, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DS23-EN-US-0815-04
International Technical Support
North America
support_usa@hgst.com
Toll Free: +1 888 426-5214
Direct: +1 408 717-8087
Asia Pacific
support_ap@hgst.com
+65 6840 9595
EMEA and UK
support_uk@hgst.com
+44 20 7133 0032
Germany
support_uk@hgst.com
+49 6929 993601


Similar Part No. - HUSMR1610ASS205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMR1010ASS200 ETC2-HUSMR1010ASS200 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS201 ETC2-HUSMR1010ASS201 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS204 ETC2-HUSMR1010ASS204 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1010ASS205 ETC2-HUSMR1010ASS205 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMR1025ASS200 ETC2-HUSMR1025ASS200 Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMR1610ASS205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com