Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUSMH8010BSS204 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUSMH8010BSS204
Description  ENTERPRISE SOLID-STATE DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUSMH8010BSS204 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUSMH8010BSS204 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUSMH8010BSS204 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800GB, 400GB, 200GB and 100GB
MLC | 2.5-inch SFF | SAS 12Gb/s
DATA SHEET
Ultrastar® SSD800MH.B
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• High endurance 25DW/D for 5 years
• Best IOPS/Watt for reduced TCO
• 12Gb/s SAS interface for maximum throughput
• Advanced power loss data management technology
• Self-encrypting models conform to TCG’s Enterprise
specification
Applications/Environments
• Ultra-high performance tier-0 enterprise storage
• Enterprise-class servers and high performance
computing
• Space and/or power constrained environments
• Online Transaction Processing (OLTP)
• Financial and e-commerce
• Database analytics
• ZIL/SLOG caching applications
(100-400GB Nexenta-qualified)
ENTERPRISE SOLID-STATE DRIVES
Maximum Performance,
Reliability and Endurance
The Ultrastar SSD800MH.B delivers high sequential
throughput, up to 1100MB/s read and 765MB/s write
(12Gb/s SAS). It also delivers up to 130,000 read and
110,000 write IOPS, reaching speeds >100 times faster
than HDDs and double the speed of current 6Gb/s
SSDs, allowing rapid access to “hot” enterprise data for
improved productivity and operational efficiency. The
Ultrastar SSD800MH.B family offers significant value
in terms of IOPS per Watt, while reducing total cost
of ownership (TCO) through low power consumption,
efficient cooling and reduced space requirements.
The Ultrastar SSD800MH.B family combines
enterprise-grade MLC NAND Flash memory, advanced
endurance management firmware and power loss data
management techniques to extend reliability, endurance
and sustained performance over the life of the SSD. The
Ultrastar SSD800MH.B family achieves an extraordinary
0.35% annual failure rate (AFR) or 2.5 million hour mean-
time-between-failure (MTBF). The 800GB capacity model
endures up to 36.5 Petabytes (PB) of random writes
over the life of the drive—the equivalent of writing 20
Terabytes (TB) per day for five years.
For complete end-to-end data protection and reliability,
the Ultrastar SSD800MH.B family incorporates the
T10 Data Integrity Field (DIF) standard, extended error
correction code (ECC), Exclusive-OR (XOR) parity to
protect against Flash die failure, parity-checked internal
data paths without an external write cache, and an
exclusive power loss data management feature that does
not require supercapacitors. The Ultrastar SSD800MH.B
family is backed by a five year limited warranty, or the
maximum Petabytes (PB) written (based on capacity).
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design, reliability,
firmware, customer qualification and system integration
to the Ultrastar® SSD800MH.B solid-state drive (SSD)
family. The synergistic relationship between HGST’s
throughput-enhancing SSDs and traditional HDDs
provides cost effective, end-to-end enterprise-class
storage solutions, delivering reliability, compatibility,
capacity, cost and system performance. This
combination makes HGST a leading SSD/HDD provider
with the experience and technology needed to meet
escalating reliability, endurance and performance in the
most demanding enterprise environments.
HGST Quality and Service
HGST’s Ultrastar SSD800MH.B family extends the
company’s long-standing tradition of performance and
reliability leadership. A balanced combination of new
and proven technologies enables high reliability and
availability to customer data.
HGST drives are backed by an array of technical
support and services, which may include customer and
integration assistance. HGST is dedicated to providing
a complete portfolio of SSD/HDD solutions to satisfy
today’s monumental computing needs.
Features & Benefits
Performance
Power
Capacity
Reliability
Integration
Feature/function
• SAS 12Gb/s
• MLC NAND Flash memory
• 1100MB/s / 765MB/s sequential R/W
• 130K / 110K IOPS random R/W
• 110K IOPS on 70/30 mix R/W
9.0 and 11.0 Watt options
• 800GB
• 400GB
• 200GB
• 100GB
• 0.35% AFR (2.5M hours MTBF)
• 1E-17 bit error rate
• T10 end-to-end data protection
• Exclusive-OR (XOR) NAND
• Power loss data management
• Unlimited reads, up to 36.5PB random writes (800GB)
• HDD architecture commonality
• Systems integration and test lab
Benefit
• 12Gb/s / 6Gb/s Active-Active Dual Port
• Highest write performance with cost improved
NAND for high endurance
• Maximum throughput and IOPS for ultra-fast
access to data; >100x faster than typical HDD
Improved performance with
higher power option
More capacity for
less space and
power
• Reduced field replacement effort
• Enhanced error detection and correction for optimal data integrity
• Protection against Flash die failure
• Assures data integrity during power failure
• Maximum endurance over the life of SSD
• Compatibility with Ultrastar SAS HDDs
• Extensive interoperability and compliance testing


Similar Part No. - HUSMH8010BSS204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUSMH8020ASS200 ETC2-HUSMH8020ASS200 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS201 ETC2-HUSMH8020ASS201 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS204 ETC2-HUSMH8020ASS204 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8020ASS205 ETC2-HUSMH8020ASS205 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
HUSMH8040ASS200 ETC2-HUSMH8040ASS200 Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - HUSMH8010BSS204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD1600MM ETC2-SSD1600MM Datasheet
391Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
   DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com