Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUS726060ALA641 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUS726060ALA641
Description  3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUS726060ALA641 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUS726060ALA641 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUS726060ALA641 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Ultrastar® He6
DATA SHEET
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
How to read the Ultrastar model number
HUS726060ALA640 = 6TB, SATA 6Gb/s,
64MB buffer
H = HGST
U = Ultrastar
S = Standard
72 = 7200 RPM
60 = Full capacity — 6TB
60 = Capacity this model, 60 = 6TB
A = Generation code
L= 26.1mm z-height
A6 = Interface, SATA 6Gb/s, 512n (S6 = SAS 512n)
4 = 64MB buffer
0 = No encryption (1 = encryption)
Specifications
Model/Part No.
HUS726060ALA640
/ 0F18335
HUS726060ALA641
/ 0F20572
HUS726060ALS640
/ 0F18370
HUS726060ALS641
/ 0F20577
Configuration
Interface
SATA 6Gb/s
SAS 6Gb/s
Capacity1 (GB) at 512 bytes/sector
6TB
Form factor
3.5-inch
Sector size3 (bytes)
512n
512 / 520 / 528
Max. areal density (Gbits/sq. in.)
544
Performance
Data buffer4 (MB)
64
Rotational speed (RPM)
7200
Interface transfer rate (MB/s, max)
600
Sustained transfer rate5 (MB/s, typical)
177
Seek time6 (read, ms, typical)
8.5
Reliability
Error rate (non-recoverable, bits read)
1 in 1015
Load/Unload cycles (at 40ºC)
600,000
Availability (hrs/day x days/wk)
24x7
MTBF2 (M hours)
2.5
Annualized Failure Rate2 (AFR)
0.35%
Warranty (yrs)
5
Acoustics
Idle (Bels, typical)
2.0
Power
Requirement
+5 VDC (+/-5%)
+12VDC (+/-5%)
Startup current (A, max)
7.0
8.8
Read/write7 (W)
5.0
5.5
Idle8 (W, avg)
3.7
4.1
Physical size
z-height (mm)
26.1
Dimensions (width x depth, mm)
101.6 (+/-0.25) x 147
Weight (g, max)
650
Environmental (Operating)
Ambient temperature
5º to 60º C
Shock (half-sine wave 2 ms, G)
70
Vibration (G RMS 5 to 500 Hz)
0.67 (XYZ)
Environmental (Non-Operating)
Ambient temperature
-40º to 70º C
Shock (half-sine wave, 1ms, G)
300
Random vibration (G RMS 5 to 500 Hz)
1.04 (XYZ)
1
One MB is equal to one million bytes, one GB is equal to one billion bytes and one TB equals 1,000GB (one trillion bytes)
when referring to hard drive capacity. Accessible capacity will vary from the stated capacity due to formatting and
partitioning of the hard drive, the computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical measurements and
acceleration algorithms under median operating conditions. MTBF and AFR ratings do not predict an individual drive’s
reliability and do not constitute a warranty.
3
512n = 512-byte native physical sectors
4
Portion of buffer capacity used for firmware
5
MB/s based on 1,000,000 bytes per second
6
Excludes command overhead
7
SATA models: 8K Queue Depth = 1, SAS models: 4K Queue Depth = 4
8
Idle specification is based on use of Idle_A.
© 2014-2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the
United States 11/13, revised 1/14, 8/14, 12/14, 8/15. All rights reserved.
Ultrastar is a registered trademark and HelioSeal and 7Stac are trademarks of HGST, Inc. and
its affiliates in the United States and/or other countries. Other trademarks are property of their
respective companies.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for
additional information. HGST shall not be liable to third parties for unauthorized use of this document
or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DSUSHE6013EN-06


Similar Part No. - HUS726060ALA641

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
HUS726060ALE610 WESTERN-HUS726060ALE610 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALE610/1/4 WESTERN-HUS726060ALE610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALE611 WESTERN-HUS726060ALE611 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
HUS726060ALN610/1/4 WESTERN-HUS726060ALN610/1/4 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
More results

Similar Description - HUS726060ALA641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
Western Digital Corpora...
HUS726060ALE610 WESTERN-HUS726060ALE610 Datasheet
5Mb / 274P
   3.5 inch Serial ATA hard disk drive
Revision 1.3 2 April 2015
logo
List of Unclassifed Man...
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
   2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
logo
Western Digital Corpora...
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
   WD Gold™ Enterprise-class Hard Drives
August 2017
logo
AAEON Technology
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
   Standard 3.5??IDE Hard Disk Drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com