Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTE725032A7E630 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTE725032A7E630
Description  2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTE725032A7E630 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTE725032A7E630 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTE725032A7E630 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
DATA SHEET
2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
© 2012-2015 HGST, Inc. 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 5/12, revised 3/14, 8/15, 10/15. All rights reserved.
CinemaStar and SmoothStream are trademarks of HGST, Inc. and its affiliates in the United States
and/or other countries. Other trademarks are property of their respective companies.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for
additional information. HGST shall not be liable to third parties for unauthorized use of this document
or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
How to read the Ultrastar model number
HTS725050A7E630
= 500GB, SATA 6Gb/s
H = HGST
T = Travelstar
S = Standard (vs E for Enhanced Availability)
72 = 7200 RPM
50 = Full capacity — 500GB
50 = Capacity this model, 50 = 500GB
(32 = 320GB, 25 = 250GB)
A = Generation code
7 = 7mm z-height
E6 = SATA 6Gb/s with 512 emulation
3 = 32MB cache
0 = No encryption (1 = Bulk data encryption,
5 = TCG Opal Encryption)
DS_TS_Z7K500_0815_EN_03
1
One GB is equal to one billion bytes when
referring
to hard drive capacity. Accessible capacity will
vary depending on the operating environment
and formatting.
2
Advanced Format drive: 4K physical sectors
with 512 byte emulation
3
Portion of buffer used for firmware
4
Excludes command overhead
5
Designed for low duty cycle, non mission-
critical applications in PC, nearline and
consumer electronics environments, which
vary application to application
Model / Part No.
HTS725050A7E630 / 0J38075
HTS725050A7E631 / 0J39425
HTS725050A7E635 / 0J43895
HTS725032A7E630 / 0J38073
HTS725032A7E631 / 0J39423
HTS725032A7E635 / 0J43893
HTS725025A7E630 / 0J38072
HTS725025A7E631 / 0J39422
HTS725025A7E635 / 0J43892
HTE725050A7E630
/ 0J43105
HTE725032A7E630
/ 0J43103
Configuration
Interface
SATA 6Gb/s
f
Capacity (GB)
1
500 / 320 / 250
500 / 320
Sector size (bytes)
2
512e
f
Recording zones
30
f
Areal density (Gbit/sq.in, max)
630
f
Performance
Data buffer (MB)
3
32
f
Rotational speed (RPM)
7200
f
Latency average (ms)
4.2
f
Media transfer rate (Mbits/s, max)
1369
f
Interface transfer rate (MB/s)
600
f
Seek time
Average (typical) ms (read)
4
13
f
Track to track (typical) ms (read)
1
f
Full stroke (typical) ms (read)
25
f
Reliability
Load/Unload cycle
600,000
f
Power on hours (POH) per month
N/A
730
Availability
5
N/A
24x7
Power
Requirement
+5VDC (+-5%)
f
Dissipation (typical)
Startup (W, peak, max)
5.5
f
Seek (W, average)
2.1
f
Read/Write (W, average)
1.8
f
Performance idle (W, average)
17
f
Idle (Avg)
Active idle (W, average)
1.0
N/A
Low power idle (W, average)
0.8
N/A
Standby (W, average)
0.2
f
Sleep
0.1
f
Physical size
Height (mm, max)
7
f
Dimensions (width x depth, mm)
70 x 100
f
Weight (g, max)
95
f
Environmental (operating)
Shock (half-sine wave)
400G/2ms, 225G/1ms
f
Ambient temperature
0° - 60° C
f
Environmental (non-operating)
Shock (half-sine wave)
1000G/1 ms
f
Ambient temperature
-40° - 65° C
f
Acoustics (A-weighted sound power)
Idle (Bels, typical)
2.3
f
Seek (Bels, typical)
2.4
f
TravelStar
® Z7K500


Similar Part No. - HTE725032A7E630

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HTE76 WILLOW-HTE76 Datasheet
3Mb / 2P
   Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
Riedon Powertron
HTE76 RIEDON-HTE76 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
HTE76 RIEDON-HTE76 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
HTE76 RIEDON-HTE76 Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results

Similar Description - HTE725032A7E630

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
   2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
Lite-On Technology Corp...
MHT2040AT LITEON-MHT2040AT Datasheet
710Kb / 2P
   MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
logo
Toshiba Semiconductor
MK1060GSC TOSHIBA-MK1060GSC Datasheet
255Kb / 2P
   2.5-Inch SATA Automotive-Grade Hard Disk Drive
03/2012
logo
Advantech Co., Ltd.
96ND1T-ST-SG7E ADVANTECH-96ND1T-ST-SG7E Datasheet
110Kb / 1P
   7200 RPM spindle speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com