Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3777-SA-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH3777-SA-7
Description  HIGH-VOLTGAE LOW-SENSITIVITY HALL EFFECT LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3777-SA-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH3777-SA-7 Datasheet HTML 1Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 2Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 3Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 4Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 5Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 6Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 7Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 8Page - Diodes Incorporated AH3777-SA-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AH3777
Document number: DS37902 Rev. 1 - 2
5 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH3777
Typical Operating Characteristics
Magnetic Operating Switch Points
– B
op and Brp
Supply Current
-350.0
-300.0
-250.0
-200.0
-150.0
-100.0
-50.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Switch Points Bop and Brp vs Supply Voltage
Brp
Hyst
Bop
TA = +25
oC
-350.0
-300.0
-250.0
-200.0
-150.0
-100.0
-50.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
-50
-25
0
25
50
75
100
125
150
Temperature (
oC)
Switch Points Bop and Brp vs Temperature
Brp
Hyst
Bop
VDD = 3V
-350.0
-300.0
-250.0
-200.0
-150.0
-100.0
-50.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
-50
-25
0
25
50
75
100
125
150
Temperature (
oC)
Switch Points Bop and Brp vs Temperature
Brp
Hyst
Bop
VDD = 12V
-350.0
-300.0
-250.0
-200.0
-150.0
-100.0
-50.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
-50
-25
0
25
50
75
100
125
150
Temperature (
oC)
Switch Points Bop and Brp vs Temperature
Brp
Hyst
Bop
VDD = 28V
0.0
1.0
2.0
3.0
4.0
5.0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Supply Current vs Supply Voltage
TA = +25 C
2.0
2.3
2.5
2.8
3.0
3.3
3.5
3.8
4.0
-50 -40 -30 -20 -10
0
10 20
30 40
50 60
70 80
90 100 110 120 130
Temperature (
oC)
Supply Current vs Temperature
3V
12V
28V


Similar Part No. - AH3777-SA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3777-SA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3369Q DIODES-AH3369Q Datasheet
843Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3390Q DIODES-AH3390Q Datasheet
864Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3365Q DIODES-AH3365Q Datasheet
840Kb / 14P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com