Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3777-P-B Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH3777-P-B
Description  HIGH-VOLTGAE LOW-SENSITIVITY HALL EFFECT LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3777-P-B Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH3777-P-B Datasheet HTML 3Page - Diodes Incorporated AH3777-P-B Datasheet HTML 4Page - Diodes Incorporated AH3777-P-B Datasheet HTML 5Page - Diodes Incorporated AH3777-P-B Datasheet HTML 6Page - Diodes Incorporated AH3777-P-B Datasheet HTML 7Page - Diodes Incorporated AH3777-P-B Datasheet HTML 8Page - Diodes Incorporated AH3777-P-B Datasheet HTML 9Page - Diodes Incorporated AH3777-P-B Datasheet HTML 10Page - Diodes Incorporated AH3777-P-B Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AH3777
Document number: DS37902 Rev. 1 - 2
7 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH3777
Thermal Performance Characteristics
(1)
Package type: SOT23
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
83
74
55
46
37
18
0
(2)
Package type: SIP-3
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
550
440
396
362
308
286
264
220
198
176
132
110
88
44
0
0
100
200
300
0
25
50
75
100
125
150
Ambient Temperature T
A (
oC)
Power Dissipation Curve
-40
0
100
200
300
400
500
600
0
25
50
75
100
125
150
PD (mW)
TA (°C)
Power Dissipation Curve
-40


Similar Part No. - AH3777-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772 DIODES-AH3772 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-A DIODES-AH3772-P-A Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
AH3772-P-B DIODES-AH3772-P-B Datasheet
498Kb / 13P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results

Similar Description - AH3777-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3767Q DIODES-AH3767Q Datasheet
531Kb / 13P
   HIGH-VOLTGAE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
AH3391Q DIODES-AH3391Q Datasheet
840Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3368Q DIODES-AH3368Q Datasheet
846Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3369Q DIODES-AH3369Q Datasheet
843Kb / 14P
   HIGH VOLTGAE LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3390Q DIODES-AH3390Q Datasheet
864Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3367Q DIODES-AH3367Q Datasheet
884Kb / 15P
   HIGH VOLTGAE ULTRA LOW SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
AH3365Q DIODES-AH3365Q Datasheet
840Kb / 14P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3366Q DIODES-AH3366Q Datasheet
890Kb / 15P
   HIGH VOLTGAE MEDIUM SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com