Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3782-W-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH3782-W-7
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3782-W-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH3782-W-7 Datasheet HTML 2Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 3Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 4Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 5Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 6Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 7Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 8Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 9Page - Diodes Incorporated AH3782-W-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AH3782
Document number: DS38083 Rev. 1 - 2
6 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3782
Typical Operating Characteristics
Output Switch On Voltage
Output Pull-Up Resistor (Internal)
Output Current Limit
0.0
0.1
0.2
0.3
0.4
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Output On Voltage vs Supply Voltage
TA = +25 C
0.0
0.1
0.2
0.3
0.4
-50 -40 -30 -20 -10
0
10
20 30
40 50
60 70
80
90 100 110 120 130
Temperature (
oC)
Output On Voltage vs Temperature
3V
12V
28V
0.0
4.0
8.0
12.0
16.0
20.0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Internal Output Pull-up Resistor vs Supply Voltage
TA = +25 C
0.0
4.0
8.0
12.0
16.0
20.0
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Temperature (
oC)
Internal Output Pull-up Resistor vs Temperature
3V
12V
28V
0
10
20
30
40
50
60
70
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Output Current Limit vs Supply Voltage
TA = +25 C
0
10
20
30
40
50
60
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Temperature (
oC)
Output Current Limit vs Temperature
3V
12V
28V


Similar Part No. - AH3782-W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-A DIODES-AH3781-P-A Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-B DIODES-AH3781-P-B Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-SA-7 DIODES-AH3781-SA-7 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results

Similar Description - AH3782-W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Prolific Technology Inc...
PT3602 PROLIFIC-PT3602 Datasheet
216Kb / 1P
   Internal Pull-High High Sensitivity Latch Hall Sensor
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com