Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9247 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH9247
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9247 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH9247 Datasheet HTML 1Page - Diodes Incorporated AH9247 Datasheet HTML 2Page - Diodes Incorporated AH9247 Datasheet HTML 3Page - Diodes Incorporated AH9247 Datasheet HTML 4Page - Diodes Incorporated AH9247 Datasheet HTML 5Page - Diodes Incorporated AH9247 Datasheet HTML 6Page - Diodes Incorporated AH9247 Datasheet HTML 7Page - Diodes Incorporated AH9247 Datasheet HTML 8Page - Diodes Incorporated AH9247 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9247
Mar. 2013
Rev. 2. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AH9247 is an ultra-sensitive Hall-effect switch
with digital latched output, mainly designed for
battery-operation, handheld equipments.
Special CMOS process is used for low-voltage and
low-power
requirement.
A
chopper
stabilized
amplifier improves stability of magnetic switch
points. A sleep-awake logic controls the IC in sleep
time or awake time. This function will reduce the
average operating current of the IC. During the
awake time, the output is changed with the magnetic
flux density. During the sleep time, the output is
latched in its previous state and the current
consumption will reduce to some µA.
The IC switching behaviour is omnipolar, either north
or south pole sufficient strength will turn the output
on. If the magnetic flux density is larger than
operating point (BOP), the output will be turned on; if
it is less than releasing point (BRP), the output will be
turned off.
The AH9247 is available in TO-92S-3, SOT-23-3 and
DFN-2×2-3 packages which are optimized for most
applications.
Features
Micropower Operation
2.5 to 5.5V Power Supply
Switching
for
Both
Poles
of
a
Magnet
(Omnipolar)
Stabilized Chopper
Superior Temperature Stability
Digital Output Signal
Built-in Pull-up Resistor
ESD (HBM) 6000V
Applications
Cover Switch in Notebook PC/PDA
Handheld Wireless Application Awake Switch
Magnet Switch in Low Duty Cycle Applications
Figure 1. Package Types of AH9247
TO-92S-3
SOT-23-3
DFN-2×2-3


Similar Part No. - AH9247

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9246 DIODES-AH9246 Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9246-P-B DIODES-AH9246-P-B Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9246-W-7 DIODES-AH9246-W-7 Datasheet
651Kb / 10P
   ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9248 BCDSEMI-AH9248 Datasheet
374Kb / 15P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - AH9247

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com