Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3782-SA-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3782-SA-B
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3782-SA-B Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3782-SA-B Datasheet HTML 1Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 2Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 3Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 4Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 5Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 6Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 7Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 8Page - Diodes Incorporated AH3782-SA-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AH3782
Document number: DS38083 Rev. 1 - 2
3 of 14
www.diodes.com
September 2015
© Diodes Incorporated
AH3782
Absolute Maximum Ratings (Notes 5 & 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage (Note 6)
32
V
VDDR
Reverse Supply Voltage
-0.3
V
VOUT_MAX
Output Off Voltage (Note 6)
32V
V
IOUT
Continuous Output Current
60
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SIP-3
550
mW
SC59 and SOT23
230
mW
Ts
Storage Temperature Range
-65 to +165
°C
TJ
Maximum Junction Temperature
+150
°C
ESD
Electrostatic Discharge Withstand Capability - Human Body Model
6
kV
Notes:
5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
6. The absolute maximum VDD of 32V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = -40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
3.0 to 28
V
TA
Operating Temperature Range
Operating
-40 to +125
°C
Electrical Characteristics (Notes 7 & 8) (@TA = -40°C to +125°C, VDD = 3V to 28V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_ON
Output On Voltage
IOUT = 20mA, B > BOP
-
0.2
0.4
V
IOUT_OFF
Output Leakage Current
VOUT = 28V, B < BRP, Output off
-
<0.1
15
µA
IDD
Supply Current
Output open, VDD = 12V , TA = 25°C
-
3.8
4.9
mA
Output open, TA = -40°C to +125°C
-
3.8
5.8
mA
RPU
Internal Pull-Up Resistance
TA = -40°C to 125°C,
10
14
18
k
tST
Device Start-Up Time
VDD >= 3V, B > BOP (Note 7)
-
10
µs
fc
Chopping Frequency
VDD = 3V to 28V
-
800
-
kHz
td
The time delay from magnetic
threshold reached to the start of the
output rise or fall
(Note 9)
-
3.75
-
µs
tr
Output Rising Time
(external pull-up resistor RL and load
capacitance dependent)
RL =1kΩ, CL = 20pF
-
0.2
1
µs
tf
Output Falling Time
(Internal switch resistance and load
capacitance dependent)
RL =1kΩ, CL = 20pF
-
0.1
1
µs
IOCL
Output Current Limit
B > BOP, (Note 10 )
30
-
55
mA
VZ
Zener Clamp Voltage
IDD = 5mA
28
-
-
V
Notes:
7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid
after the start-up time of 10us typical from the operating voltage reaching 3V.
8. Typical values are defined at TA = +25°C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control and characterization
9. Guaranteed by design, process control and characterization. Not tested in production.
10. The device will limit the output current IOUT to current limit of IOCL


Similar Part No. - AH3782-SA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-A DIODES-AH3781-P-A Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-P-B DIODES-AH3781-P-B Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3781-SA-7 DIODES-AH3781-SA-7 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results

Similar Description - AH3782-SA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Prolific Technology Inc...
PT3602 PROLIFIC-PT3602 Datasheet
216Kb / 1P
   Internal Pull-High High Sensitivity Latch Hall Sensor
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com