Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2314AID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AID
Description  Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314AID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2314AID Datasheet HTML 7Page - Texas Instruments OPA2314AID Datasheet HTML 8Page - Texas Instruments OPA2314AID Datasheet HTML 9Page - Texas Instruments OPA2314AID Datasheet HTML 10Page - Texas Instruments OPA2314AID Datasheet HTML 11Page - Texas Instruments OPA2314AID Datasheet HTML 12Page - Texas Instruments OPA2314AID Datasheet HTML 13Page - Texas Instruments OPA2314AID Datasheet HTML 14Page - Texas Instruments OPA2314AID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
100
10
10
100
1k
10k
100k
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
Time (1 s/div)
104
102
100
98
96
94
92
90
88
86
84
-50
-25
0
25
50
75
100
125
Temperature (°C)
PSRR
CMRR
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
Frequency (Hz)
V = ±2.75 V
S
+PSRR
PSRR
-
CMRR
1500
1000
500
0
500
1000
1500
-
-
-
-
40 -25
5
20
35
50
65
80
95
110 125
Temperature (°C)
-
10
Typical Units
V = ±2.75 V
S
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-
2.75
0
-
2
-
1.25
-
0.5
0.5
1.25
2
2.75
Common-Mode Voltage (V)
Typical Units
V = ±2.75 V
S
OPA314, OPA2314, OPA4314
www.ti.com
SBOS563G – MAY 2011 – REVISED JUNE 2015
At TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
Figure 7. Offset Voltage vs Common-Mode Voltage
Figure 8. Offset Voltage vs Temperature
Figure 9. CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 10. CMRR and PSRR vs Temperature
Figure 11. 0.1-Hz to 10-Hz Input Voltage Noise
Figure 12. Input Voltage Noise Spectral Density vs
Frequency
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA314 OPA2314 OPA4314


Similar Part No. - OPA2314AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AID TI-OPA2314AID Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AIDGK TI1-OPA2314AIDGK Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDGK TI-OPA2314AIDGK Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AIDGKR TI1-OPA2314AIDGKR Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results

Similar Description - OPA2314AID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com