Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA541
Description  High Power Monolithic Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA541 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA541 Datasheet HTML 7Page - Texas Instruments OPA541 Datasheet HTML 8Page - Texas Instruments OPA541 Datasheet HTML 9Page - Texas Instruments OPA541 Datasheet HTML 10Page - Texas Instruments OPA541 Datasheet HTML 11Page - Texas Instruments OPA541 Datasheet HTML 12Page - Texas Instruments OPA541 Datasheet HTML 13Page - Texas Instruments OPA541 Datasheet HTML 14Page - Texas Instruments OPA541 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
10µF
OPA541
0.1µF
0.1µF
10µF
–V
S
D
2
D
1
L
Inductive or
EMF-Generating
Load
+V
S
D – D : IN4003
1
2
OPA541
1
2
8
R
CL
Not Required
OPA501
1
2
8
R
CL
R
CL
+
Pin 2 is open on OPA541.
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
Application Information (continued)
Figure 12. Isolating Capacitive Loads
Because one resistor carries the current previously carried by two, the resistor may require a high power rating.
Minor adjustments may be required in the resistor value to achieve the same current limit value. Often, however,
the change in current limit value when changing models is small compared to its variation over temperature.
Many applications can use the same current limit resistor.
8.2 Typical Applications
8.2.1 Clamping Output for EMF-Generating Loads
Figure 13. Clamping Output for EMF-Generating Loads
8.2.1.1 Design Requirements
Motor drive with reversal requiring output clamping
20-V motor
1-
Ω DC resistance
10-µH inductance
40°C maximum ambient temperature
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Power Supply Requirements
Select the power supply based on the requirement to achieve a ±20-V output with up to a 5-A load. The
maximum value for output voltage swing at 5-A is approximately within 4 V of either rail and ±25. These supplies
provide sufficient output swing.
8.2.1.2.2
Current Limit and SOA (Safe Operating Area)
Set the current limit to the highest possible value for the application which generally corresponds to a short circuit
on the output. In this application this corresponds to 25-V stress on the output device and examination of the
SOA (Safe Operating Area) graph in Figure 11 indicates that a 5-A current limit is within the 25°C SOA.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA541


Similar Part No. - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AM BURR-BROWN-OPA541AM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541AP BURR-BROWN-OPA541AP Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541BM BURR-BROWN-OPA541BM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
OPA541SM BURR-BROWN-OPA541SM Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
More results

Similar Description - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com