Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA548F Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA548F Datasheet(HTML) 1 Page - Texas Instruments

  OPA548F Datasheet HTML 1Page - Texas Instruments OPA548F Datasheet HTML 2Page - Texas Instruments OPA548F Datasheet HTML 3Page - Texas Instruments OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA548
SBOS070C – OCTOBER 1997 – REVISED JUNE 2015
OPA548 High-Voltage, High-Current Operational Amplifier
1 Features
3 Description
The OPA548 device is a low-cost, high-voltage and
1
Wide Supply Range
high-current operational amplifier that's ideal for
Single Supply: 8 V to 60 V
driving a wide variety of loads. A laser-trimmed
Dual Supply: ±4 V to ±30 V
monolithic integrated circuit provides excellent low-
level signal accuracy and high-output voltage and
High-Output Current:
current.
3-A Continuous
The OPA548 device operates from either single or
5-A Peak
dual supplies for design flexibility. In single-supply
Wide Output Voltage Swing
operation, the input common-mode range extends
Fully Protected:
below ground.
Thermal Shutdown
The OPA548 device is internally protected against
Adjustable Current Limit
over-temperature conditions and current overloads. In
addition, the OPA548 device was designed to provide
Output Disable Control˜
an accurate, user-selected current limit. Unlike other
Thermal Shutdown Indicator
designs, which use a power resistor in series with the
High Slew Rate: 10 V
output current path, the OPA548 device senses the
load indirectly. This allows the current limit to be
Low Quiescent Current
adjusted from 0 A to 5 A with a resistor and
Packages:
potentiometer or controlled digitally with a voltage-out
7-Lead TO-220, Zip and Straight Leads
or current-out DAC.
7-Lead DDPAK Surface-Mount
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-220 (7)
10.17 mm × 8.38 mm
Valve, Actuator Drivers
OPA548
TO-263 (7)
10.10 mm × 8.89 mm
SYNCHRO, SERVO Drivers
(1) For all available packages, see the orderable addendum at
Power Supplies
the end of the data sheet.
Test Equipment
Transducer Excitation
Audio Amplifiers
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA548F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA548F BURR-BROWN-OPA548F Datasheet
284Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548F TI-OPA548F Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548F/500 TI-OPA548F/500 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548F/500G3 TI-OPA548F/500G3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA548F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com