Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2228PG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2228PG4
Description  High Precision, Low Noise Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2228PG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2228PG4 Datasheet HTML 4Page - Texas Instruments OPA2228PG4 Datasheet HTML 5Page - Texas Instruments OPA2228PG4 Datasheet HTML 6Page - Texas Instruments OPA2228PG4 Datasheet HTML 7Page - Texas Instruments OPA2228PG4 Datasheet HTML 8Page - Texas Instruments OPA2228PG4 Datasheet HTML 9Page - Texas Instruments OPA2228PG4 Datasheet HTML 10Page - Texas Instruments OPA2228PG4 Datasheet HTML 11Page - Texas Instruments OPA2228PG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110B – MAY 1998 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics: OPAx227 Series (VS = ±5 V to ±15 V) (continued)
At TA = 25°C, and RL = 10 kΩ, unless otherwise noted.
OPA227PA, UA
OPA227P, U
OPA2227PA, UA
OPA2227P, U
PARAMETER
TEST CONDITIONS
UNIT
OPA4227PA, UA
MIN
TYP
MAX
MIN
TYP
MAX
POWER SUPPLY
VS
Specified Voltage Range
±5
±15
±5
±15
V
Operating Voltage Range
±2.5
±18
±2.5
±18
V
IQ
Quiescent Current (per amplifier)
IO = 0
±3.7
±3.8
±3.7
±3.8
mA
IO = 0
±4.2
±4.2
mA
TA = –40°C to 85°C
TEMPERATURE RANGE
Specified Range
–40
85
–40
85
°C
Operating Range
–55
125
–55
125
°C
Storage Range
–65
150
–65
150
°C
θJA
Thermal Resistance
SO-8 Surface Mount
150
150
°C/W
DIP-8
100
100
°C/W
DIP-14
80
80
°C/W
SO-14 Surface Mount
100
100
°C/W
6.7 Electrical Characteristics: OPAx228 Series (VS = ±5 V to ±15 V)
At TA = 25°C, and RL = 10 kΩ, unless otherwise noted.
OPA228PA, UA
OPA228P, U
OPA2228PA, UA
OPA2228P, U
PARAMETER
TEST CONDITIONS
UNIT
OPA4228PA, UA
MIN
TYP
MAX
MIN
TYP
MAX
OFFSET VOLTAGE
VOS
Input Offset Voltage
±5
±75
±10
±200
µV
TA = –40°C to 85°C
±100
±200
µV
dVOS/dT
vs Temperature
TA = –40°C to 85°C
±0.1
±0.6
±0.3
±2
µV/°C
PSRR
vs Power Supply
VS = ±2.5 V to ±18 V
±0.5
±2
±0.5
±2
µV/V
TA = –40°C to 85°C
±2
±2
µV/V
vs Time
0.2
0.2
µV/mo
Channel Separation (dual, quad)
DC
0.2
0.2
µV/V
f = 1kHz, RL = 5 kΩ
110
110
dB
INPUT BIAS CURRENT
IB
Input Bias Current
±2.5
±10
±2.5
±10
nA
TA = –40°C to 85°C
±10
±10
nA
IOS
Input Offset Current
±2.5
±10
±2.5
±10
nA
TA = –40°C to 85°C
±10
±10
nA
NOISE
Input Voltage Noise, f = 0.1 Hz to 10 Hz
90
90
nVp-p
15
15
nVrms
en
Input Voltage Noise
f = 10 Hz
3.5
3.5
nV/
√Hz
Density
f = 100 Hz
3
3
nV/
√Hz
f = 1 kHz
3
3
nV/
√Hz
in
Current Noise Density
f = 1 kHz
0.4
0.4
pA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-Mode Voltage Range
(V–)+2
(V+)–2
(V–)+2
(V+)–2
V
CMRR
Common-Mode Rejection
VCM = (V–)+2 V to (V+)–2 V
120
138
120
138
dB
TA = –40°C to 85°C
120
120
dB
INPUT IMPEDANCE
Differential
Ω || pF
10
7 || 12
10
7 || 12
Common-Mode
VCM = (V–)+2 V to (V+)–2 V
Ω || pF
10
9 || 3
10
9 || 3
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228


Similar Part No. - OPA2228PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2228PG4 BURR-BROWN-OPA2228PG4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2228PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com