Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA625 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  18-Bit Analog-to-Digital Converter (ADC) Drivers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA625 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 2Page - Texas Instruments OPA625 Datasheet HTML 3Page - Texas Instruments OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
OPA625, OPA2625
SBOS688A – APRIL 2015 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics High-Drive Mode (continued)
at TA = 25°C, V+ = 5 V, V– = 0 V, MODE pin connected to V– pin, VCOM = VO = 2.5 V, gain (G) = 1, RF = 1 kΩ, CF = 2.7 pF,
CLOAD = 20 pF, and RLOAD = 2 kΩ connected to 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = –40°C to +125°C
0.5
±3
µV/°C
dVOS/dT
Input offset voltage drift
OPA2625 only, TA = –40°C to +125°C
0.6
±4
100
Power-supply rejection
PSRR
2.7 V
≤ (V+) ≤ 5 V
dB
ratio
TA = –40°C to +125°C
90
120
2
4
IB
Input bias current
TA = –40°C to +125°C
5.7
µA
OPA2625 only, TA = –40°C to +125°C
6.5
dIB/dT
Input bias current drift
TA = –40°C to +125°C
15
nA/°C
20
120
IOS
Input offset current
TA = –40°C to +125°C
150
nA
OPA2625 only, TA = –40°C to +125°C
200
dIOS/dT
Input offset current drift
TA = –40°C to +125°C
0.6
nA/°C
OPEN LOOP GAIN
(V–) + 0.2 V < VO < (V+) – 0.2 V, RLOAD = 600 Ω
110
(V–) + 0.15 V < VO < (V+) – 0.15 V, RLOAD = 10 kΩ
114
(V–) + 0.2 V < VO < (V+) – 0.2 V,
AOL
Open-loop gain
dB
106
128
RLOAD = 600 Ω
TA = –40°C to +125°C
(V–) + 0.15 V < VO < (V+) – 0.15 V,
110
132
RLOAD = 10 kΩ
INPUT VOLTAGE
Common-mode voltage
(V+) –
VCM
TA = –40°C to +125°C
(V–)
V
range
1.15
100
117
Common-mode rejection
CMRR
(V–) < VCOM < (V+) – 1.15 V
dB
ratio
TA = –40°C to +125°C
90
115
INPUT IMPEDANCE
Differential input
ZID
27 || 1.2
K
Ω || pF
impedance
Common-mode input
ZIC
47 || 1.5
M
Ω || pF
impedance
OUTPUT
60
80
RLOAD = 600 Ω
TA = –40°C to +125°C
100
Output voltage swing to
mV
the rail
20
35
RLOAD = 10 kΩ
TA = –40°C to +125°C
40
Isc
Short-circuit current
150
mA
CLOAD
Capacitive load drive
See Typical Characteristics
MODE
High-drive (HD) mode
VIL
TA = –40°C to +125°C
(V–)
(V–) + 0.5
V
threshold
Low-power (LP) mode
VIH
TA = –40°C to +125°C
(V–) + 1.2
(V+)
V
threshold
IIL
Low-level input current
TA = –40°C to +125°C, VMODE ≤ (V–) + 0.5 V
0.01
1
µA
TA = –40°C to +125°C, VMODE ≥ (V–) + 1.2 V
20
30
IIH
High-level input current
µA
OPA2625 only, TA = –40°C to +125°C, VMODE ≥ (V–) + 1.2 V
1
POWER SUPPLY
2
2.2
Quiescent current per
IO = 0 mA,
IQ
mA
amplifier
MODE connected to ground
TA = –40°C to +125°C
3.1
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA625 OPA2625


Similar Part No. - OPA625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA625 TI-OPA625 Datasheet
2Mb / 44P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA6250 TI-OPA6250 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA625 TI-OPA625_15 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
More results

Similar Description - OPA625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA625 TI-OPA625 Datasheet
2Mb / 44P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625 TI-OPA625_15 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com