Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA625 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  18-Bit Analog-to-Digital Converter (ADC) Drivers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA625 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments OPA625 Datasheet HTML 13Page - Texas Instruments OPA625 Datasheet HTML 14Page - Texas Instruments OPA625 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
MODE
OPAx625
STATE
Low-Power mode
High-Drive mode
tHD-LP
tLP-HD
OPA625, OPA2625
www.ti.com
SBOS688A – APRIL 2015 – REVISED OCTOBER 2015
6.9 Switching Characteristics
at TA = 25°C, V+ = 5 V, V– = 0 V, MODE pin connected to V– pin, gain (G) = 1 , VCOM = VO = 2.5 V, CLOAD = 20 pF, and RLOAD
= 1 k
Ω connected to 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Settling time to within 50 µV of final value,
180
ns
MODE pin = high to low (LP to HD), VO = 3.8 V
Delay time, MODE pin falling
tLP-HD is defined as the time taken for the
tLP-HD
(low-power mode to high-drive mode)
quiescent current to increase from 110% of its
170
ns
value in LP mode to 90% of its value in HD
mode.
tHD-LP is defined as the time taken for the
Delay time, MODE pin rising
quiescent current to decrease from 90% of its
tHD-LP
300
ns
(high-drive mode to low-power mode)
value in HD mode to 110% of its value in LP
mode.
Figure 1. Switching Characteristics Timing Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA625 OPA2625


Similar Part No. - OPA625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA625 TI-OPA625 Datasheet
2Mb / 44P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA6250 TI-OPA6250 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA625 TI-OPA625_15 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
More results

Similar Description - OPA625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA625 TI-OPA625 Datasheet
2Mb / 44P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625 TI-OPA625_15 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com