Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2211AIDDA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211AIDDA
Description  Low Power, Precision Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211AIDDA Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2211AIDDA Datasheet HTML 3Page - Texas Instruments OPA2211AIDDA Datasheet HTML 4Page - Texas Instruments OPA2211AIDDA Datasheet HTML 5Page - Texas Instruments OPA2211AIDDA Datasheet HTML 6Page - Texas Instruments OPA2211AIDDA Datasheet HTML 7Page - Texas Instruments OPA2211AIDDA Datasheet HTML 8Page - Texas Instruments OPA2211AIDDA Datasheet HTML 9Page - Texas Instruments OPA2211AIDDA Datasheet HTML 10Page - Texas Instruments OPA2211AIDDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
OPA211, OPA2211
www.ti.com
SBOS377H – OCTOBER 2006 – REVISED NOVEMBER 2015
7.6 Electrical Characteristics: VS = ±2.25 to ±18 V for Standard Grade OPA211AI, OPA2211AI
at TA = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = Midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
OPA211AI, VS = ±15 V
±30
±125
μV
VOS
Input offset voltage
OPA2211AI, VS = ±15 V
±50
±150
μV
dVOS/dT
Input offset drift
VS = ±15 V, TA = –40°C to +125°C
0.35
1.5
μV/°C
TA = 25°C
0.1
1
μV/V
Input offset voltage vs
PSRR
power supply
TA = –40°C to +125°C
3
μV/V
INPUT BIAS CURRENT
VCM = 0 V
±60
±175
nA
OPA211AI, VCM = 0 V, TA = –40°C to +125°C
±200
nA
IB
Input bias current
OPA2211AI, VCM = 0 V, TA = –40°C to
±250
nA
+125°C
VCM = 0 V
±25
±100
nA
IOS
Input offset current
VCM = 0 V, TA = –40°C to +125°C
±150
nA
NOISE
en
Input voltage noise
ƒ = 0.1 to 10 Hz
80
nVPP
ƒ = 10 Hz
2
nV/
√Hz
Input voltage noise density
ƒ = 100 Hz
1.4
nV/
√Hz
ƒ = 1 kHz
1.1
nV/
√Hz
ƒ = 10 Hz
3.2
pA/
√Hz
In
Input current noise density
ƒ = 1 kHz
1.7
pA/
√Hz
INPUT VOLTAGE RANGE
(V+) –
VS ≥ ±5 V
(V–) + 1.8
V
1.4
Common-mode voltage
VCM
range
(V+) –
VS < ±5 V
(V–) + 2
V
1.4
VS ≥ ±5 V, (V–) + 2 V ≤ VCM ≤ (V+) – 2 V,
114
120
dB
TA = –40°C to +125°C
Common-mode rejection
CMRR
ratio
VS < ±5 V, (V–) + 2 V ≤ VCM ≤ (V+) – 2 V,
110
120
dB
TA = –40°C to +125°C
INPUT IMPEDANCE
Differential
20 || 8
k
Ω || pF
Common-mode
10 || 2
G
Ω || pF
OPEN-LOOP GAIN
(V–) + 0.2 V
≤ VO ≤ (V+) – 0.2 V,
114
130
dB
RL = 10 kΩ, TA = –40°C to +125°C
(V–) + 0.6 V
≤ VO ≤ (V+) – 0.6 V,
110
114
dB
RL = 600 Ω
OPA211, (V–) + 0.6 V
≤ VO ≤ (V+) – 0.6 V,
AOL
Open-loop voltage gain
110
dB
IO ≤ 15 mA, TA = –40°C to +125°C
OPA211, (V–) + 0.6 V
≤ VO ≤ (V+) – 0.6 V,
103
dB
15 mA < IO ≤ 30 mA, TA = –40°C to +125°C
OPA2211, (V–) + 0.6 V
≤ VO ≤ (V+) – 0.6 V,
100
dB
IO ≤ 15 mA, TA = –40°C to +125°C
FREQUENCY RESPONSE
G = 100
80
MHz
GBW
Gain-bandwidth product
G = 1
45
MHz
SR
Slew rate
27
V/
μs
tS
Settling time, 0.01%
VS = ±15 V, G = –1, 10-V Step, CL = 100 pF
400
ns
0.0015% (16-bit)
VS = ±15 V, G = –1, 10-V Step, CL = 100 pF
700
ns
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA211 OPA2211


Similar Part No. - OPA2211AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211AIDDA TI1-OPA2211AIDDA Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA2211AIDDAR TI1-OPA2211AIDDAR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
More results

Similar Description - OPA2211AIDDA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com