Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551PA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551PA
Description  High-Voltage, High-Current Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA551PA Datasheet(HTML) 2 Page - Texas Instruments

  OPA551PA Datasheet HTML 1Page - Texas Instruments OPA551PA Datasheet HTML 2Page - Texas Instruments OPA551PA Datasheet HTML 3Page - Texas Instruments OPA551PA Datasheet HTML 4Page - Texas Instruments OPA551PA Datasheet HTML 5Page - Texas Instruments OPA551PA Datasheet HTML 6Page - Texas Instruments OPA551PA Datasheet HTML 7Page - Texas Instruments OPA551PA Datasheet HTML 8Page - Texas Instruments OPA551PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.1
Application Information............................................ 13
1
Features .................................................................. 1
8.2
Typical Application ................................................. 13
2
Applications ........................................................... 1
9
Power Supply Recommendations ...................... 17
3
Description ............................................................. 1
9.1
Power Supplies ....................................................... 17
4
Revision History..................................................... 2
10
Layout................................................................... 18
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 18
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 18
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Power Dissipation ................................................. 18
6.2
ESD Ratings ............................................................ 4
10.4
Safe Operating Area ............................................. 19
6.3
Recommended Operating Conditions ....................... 4
10.5
Heat Sinking ......................................................... 20
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 21
6.5
Electrical Characteristics: VS = ±30 V....................... 5
11.1
Device Support...................................................... 21
6.6
Typical Characteristics .............................................. 7
11.2
Documentation Support ....................................... 21
7
Detailed Description ............................................ 11
11.3
Community Resources.......................................... 21
7.1
Overview ................................................................. 11
11.4
Trademarks ........................................................... 21
7.2
Functional Block Diagram ....................................... 11
11.5
Electrostatic Discharge Caution ............................ 21
7.3
Feature Description................................................. 11
11.6
Glossary ................................................................ 21
7.4
Device Functional Modes........................................ 12
12
Mechanical, Packaging, and Orderable
8
Application and Implementation ........................ 13
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2003) to Revision B
Page
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changed package references throughout document: SO-8 to SOIC-8 and DDPAK-7 to DDPAK-7/TO-263 ....................... 1
Deleted lead temperature specifications from Absolute Maximum Ratings table ................................................................. 4
Deleted charged-device model (CDM) specification from ESD Ratings table ...................................................................... 4
2
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552


Similar Part No. - OPA551PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551PA BURR-BROWN-OPA551PA Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551PA TI-OPA551PA Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551PA TI1-OPA551PA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551PAG4 TI-OPA551PAG4 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551PAG4 TI1-OPA551PAG4 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com